Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM85C30 Datasheet(PDF) 18 Page - Advanced Micro Devices

Part # AM85C30
Description  Enhanced Serial Communications Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30 Datasheet(HTML) 18 Page - Advanced Micro Devices

Back Button AM85C30 Datasheet HTML 14Page - Advanced Micro Devices AM85C30 Datasheet HTML 15Page - Advanced Micro Devices AM85C30 Datasheet HTML 16Page - Advanced Micro Devices AM85C30 Datasheet HTML 17Page - Advanced Micro Devices AM85C30 Datasheet HTML 18Page - Advanced Micro Devices AM85C30 Datasheet HTML 19Page - Advanced Micro Devices AM85C30 Datasheet HTML 20Page - Advanced Micro Devices AM85C30 Datasheet HTML 21Page - Advanced Micro Devices AM85C30 Datasheet HTML 22Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 68 page
background image
AMD
18
Am85C30
Table 2. Register Addressing
“Point High”
D2, D1, D0
Write
Read
D/C
Code In WR0:
In WR0:
Register
Register
High
Either Way
X
X
X
Data
Data
Low
Not True
0
0
0
0
0
Low
Not True
0
0
1
1
1
Low
Not True
0
1
0
2
2
Low
Not True
0
1
1
3
3
Low
Not True
1
0
0
4
(0)
Low
Not True
1
0
1
5
(1)
Low
Not True
1
1
0
6
(2)
Low
Not True
1
1
1
7
(3)
Low
True
0
0
0
Data
Data
Low
True
0
0
1
9
–
Low
True
0
1
0
10
10
Low
True
0
1
1
11
(15)
Low
True
1
0
0
12
12
Low
True
1
0
1
13
13
Low
True
1
1
0
14
(10)
Low
True
1
1
1
15
15
Read Registers
The ESCC contains eight Read registers [actually nine,
counting the receive buffer (RR8) in each channel]. Four
of these may be read to obtain status information (RR0,
RR1, RR10, and RR15). Two registers (RR12 and
RR13) may be read to learn the baud rate generator
time constant. RR2 contains either the unmodified inter-
rupt vector (Channel A) or the vector modified by status
information (Channel B). RR3 contains the Interrupt
Pending (IP) bits (Channel A). In addition, if bit D2 of
WR15 is set, RR6 and RR7 are available for providing
frame status from the 10
× 19 bit Frame Status FIFO.
Figure 8 shows the formats for each Read register.
The status bits of RR0 and RR1 are carefully grouped to
simplify status monitoring, for example, when the inter-
rupt vector indicates a Special Receive Condition
interrupt, all the appropriate error bits can be
read from a single register (RR1). Please refer to
Am85C30 Technical Manual for detailed descriptions of
the read registers.
Write Registers
The ESCC contains 15 Write registers (16 counting
WR8, the transmit buffer) in each channel. These Write
registers are programmed separately to configure the
functional “personality” of the channels. Two registers
(WR2 and WR9) are shared by the two channels that
can be accessed through either of them. WR2 contains
the interrupt vector for both channels, while WR9 con-
tains the interrupt control bits. In addition, if bit D0 of
WR15 is set, Write Register 7 prime (WR7
′) is available
for programming additional SDLC/HDLC enhance-
ments. When bit D0 of WR15 is set, executing a write to
WR7 actually writes to WR7
′ to further enhance the
functional “personality” of each channel. Figure 8 shows
the format of each Write register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com