Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM85C30 Datasheet(PDF) 37 Page - Advanced Micro Devices

Part # AM85C30
Description  Enhanced Serial Communications Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30 Datasheet(HTML) 37 Page - Advanced Micro Devices

Back Button AM85C30 Datasheet HTML 33Page - Advanced Micro Devices AM85C30 Datasheet HTML 34Page - Advanced Micro Devices AM85C30 Datasheet HTML 35Page - Advanced Micro Devices AM85C30 Datasheet HTML 36Page - Advanced Micro Devices AM85C30 Datasheet HTML 37Page - Advanced Micro Devices AM85C30 Datasheet HTML 38Page - Advanced Micro Devices AM85C30 Datasheet HTML 39Page - Advanced Micro Devices AM85C30 Datasheet HTML 40Page - Advanced Micro Devices AM85C30 Datasheet HTML 41Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 68 page
background image
AMD
37
Am85C30
Transmitter Disabled Here
1
1
0
0111111
00
TxD Pin Output (NRZI Encoded)
Hi
Lo
10216F-22
Figure 18. Transmitter Disabling with NRZI Encoding
whereas bit D3 of WR7
′ acts as a pseudo transmitter dis-
able and enable by just forcing the TxD pin High when
set even though the transmitter may actually be mark or
flag idling. Care must be used when setting this bit be-
cause any character being transmitted at the time this bit
is set will be “chopped off,” and data written to the Trans-
mit Buffer while this bit is set will be lost.
When the transmit underrun occurs and the CRC and
closing flag have been sent, bit D3 can be set to pull TxD
High. When ready to start sending data again this bit
must be reset to 0 before the first character is written to
the Transmit Buffer. Note that resetting this bit causes
the TxD pin to take whatever state the NRZI encoder is
in at the time, so synchronization at the receiver may
take longer because the first transition seen on the TxD
pin may not coincide with a bit boundary. Note that in or-
der for this to function properly, bits D3 and D2 of WR10
must be set to 1 and 0, respectively.
Interrupt Masking Without INTACK
The NMOS Am8530H’s ability to mask lower priority in-
terrupts is done via the IUS bit. This bit is internal to the
SCC and is not observable by the processor. Being able
to automatically mask lower priority interrupts allows a
modular approach to coding interrupt routines. How-
ever, using the masking capabilities of the NMOS SCC
requires that the
INTACK cycle be generated. In stand-
alone applications, having to generate
INTACK through
external hardware in order to use this capability is an
unnecessary expense.
On the CMOS Am85C30, if bit D5 in WR9 is set to 1, the
INTACK cycle does not need to be generated in order to
have the IUS bit set. This allows the user to respond to
ESCC interrupt requests with a software acknowledg-
ment through RR2. When bit D5 in WR9 is set and an
interrupt occurs, a read to RR2 emulates a hardware
Interrupt Acknowledge cycle as it functions in Vectored
mode. In this case the CPU must first read RR2 to deter-
mine the internal interrupt source and then jump to the
appropriate interrupt routine. Reading RR2 sets the IUS
bit for the highest priority IP. After the interrupting condi-
tion is cleared, the routine can then read RR3 to deter-
mine if any other IPs are set and clear them. At the end
of the interrupt routine, a Reset IUS command must be
issued to unlock the internal daisy chain.
Since the CPU can acknowledge the ESCC of highest
priority with a read of its RR2 interrupt vector, there is no
need for an external daisy chain. IEI for all ESCC de-
vices should be tied active High. When acknowledging
an ESCC interrupt request, the CPU must issue one
read to RR2 per interrupt request. The modified inter-
rupt vector can be read from Channel B, or the original
vector stored in WR2 can be read from Channel A.
Either action will produce the same internal actions on
the IUS logic. Note that the No Vector and Vector In-
cludes Status bits in WR9 are ignored when bit D5 in
WR9 is set to 1.
2-Mb/s FM Data Transmission and
Reception
The
16-MHz
version
of
the
CMOS
Am85C30
(Am85C30-16) is capable of transmitting and receiving
FM-encoded data at the rate of 2 Mb/s. This is accom-
plished by applying a 32-MHz clock to the
RTxC pin and
assigning this waveform to drive the Internal Digital
Phase-Locked Loop (DPLL) clock. This feature allows
the user to send both clock and data information over
the same line at 2 Mb/s and can eliminate external
DPLLs required for high-speed NRZ data clock
generation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com