Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM85C30 Datasheet(PDF) 22 Page - Advanced Micro Devices

Part # AM85C30
Description  Enhanced Serial Communications Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30 Datasheet(HTML) 22 Page - Advanced Micro Devices

Back Button AM85C30 Datasheet HTML 18Page - Advanced Micro Devices AM85C30 Datasheet HTML 19Page - Advanced Micro Devices AM85C30 Datasheet HTML 20Page - Advanced Micro Devices AM85C30 Datasheet HTML 21Page - Advanced Micro Devices AM85C30 Datasheet HTML 22Page - Advanced Micro Devices AM85C30 Datasheet HTML 23Page - Advanced Micro Devices AM85C30 Datasheet HTML 24Page - Advanced Micro Devices AM85C30 Datasheet HTML 25Page - Advanced Micro Devices AM85C30 Datasheet HTML 26Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 68 page
background image
AMD
22
Am85C30
Write Register 11
D7 D6 D5 D4 D3 D2 D1 D0
Write Register 7
D7 D6 D5 D4 D3 D2 D1 D0
Auto Tx Flag
Auto EOM Latch Reset
Auto RTS
TxD Pulled High in SDLC NRZI Mode
Fast DTR/REQ Mode
CRC Check Bytes Completely Received
Extended Read Enable
Must Be Set to 0
0
0
1
1
0
1
0
1
0
0
1
1
0
1
0
1
0
0
1
1
0
1
0
1
Write Register 9
D7 D6 D5 D4 D3 D2 D1 D0
VIS
NV
DLC
MIE
Status High/
Status Low
Interrupt Masking
without
INTACK*
0
0
1
1
0
1
0
1
No Reset
Channel Reset B
Channel Reset A
Force Hardware Reset
D7 D6 D5 D4 D3 D2 D1 D0
SYNC7
SYNC5
SYNC5
SYNC11
0
SYNC6
SYNC4
SYNC14
SYNC10
1
SYNC5
SYNC3
SYNC13
SYNC9
1
SYNC4
SYNC2
SYNC12
SYNC8
1
SYNC3
SYNC1
SYNC11
SYNC7
1
SYNC2
SYNC0
SYNC10
SYNC6
1
SYNC1
1
SYNC9
SYNC5
1
SYNC0
1
SYNC8
SYNC4
0
Monosync 8 Bits
Monosync 8 Bits
Bisync 16 Bits
Bisync 12 Bits
SDLC
Write Register 7
*Added Enhancement
TRxC O/I
TRxC Out = XTAL Output
TRxC Out = Transmit Clock
TRxC Out = BR Generator Output
TRxC Out = DPLL Output
Transmit Clock
=
RTxC Pin
Transmit Clock
=
TRxC Pin
Transmit Clock
= BR Generator Output
Transmit Clock
= DPLL Output
Receive Clock =
RTxC Pin
Receive Clock =
TRxC Pin
Receive Clock = BR Generator Output
Receive Clock = DPLL Output
RTxC XTAL/No XTAL
′
Figure 9. Write Register Bit Functions (continued)
10216F-13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com