Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM85C30 Datasheet(PDF) 15 Page - Advanced Micro Devices

Part # AM85C30
Description  Enhanced Serial Communications Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30 Datasheet(HTML) 15 Page - Advanced Micro Devices

Back Button AM85C30 Datasheet HTML 11Page - Advanced Micro Devices AM85C30 Datasheet HTML 12Page - Advanced Micro Devices AM85C30 Datasheet HTML 13Page - Advanced Micro Devices AM85C30 Datasheet HTML 14Page - Advanced Micro Devices AM85C30 Datasheet HTML 15Page - Advanced Micro Devices AM85C30 Datasheet HTML 16Page - Advanced Micro Devices AM85C30 Datasheet HTML 17Page - Advanced Micro Devices AM85C30 Datasheet HTML 18Page - Advanced Micro Devices AM85C30 Datasheet HTML 19Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 68 page
background image
AMD
15
Am85C30
counts 31 and 0. The DPLL looks for edges only during a
time centered on the 15/16 counting transition.
The 32X clock for the DPLL can be programmed to
come from either the
RTxC input or the output of the
baud rate generator. The DPLL output may be pro-
grammed to be echoed out of the SCC via the
TRxC pin
(if this pin is not being used as an input).
Crystal Oscillator
When using a crystal oscillator to supply the receive or
transmit clocks to a channel of the SCC, the user should:
1. Select a crystal oscillator that satisfies the following
specifications:
30 ppm @ 25
°C
50 ppm over temperatures of –20
° to 70°C
5 ppm/yr aging
5-MW drive level
2. Place crystal across
RTxC and SYNC pins.
3. Place 30-pF capacitors to ground from both
RTxC
and
SYNC pins.
4. Set bit D7 of WR11 to 1.
Data Encoding
The ESCC may be programmed to encode and decode
the serial data in four different ways (Figure 6). In NRZ
encoding, a 1 is represented by a High level, and a 0 is
represented by a Low level. In NRZI encoding, a 1 is rep-
resented by no change in level, and a 0 is represented
by a change in level. In FM1 (more properly, biphase
mark), a transition occurs at the beginning of every bit
cell. A 1 is represented by an additional transition at the
center of the bit cell, and a 0 is represented by no
additional transition at the center of the bit cell. In FM0
(biphase space), a transition occurs at the beginning of
every bit cell. A 0 is represented by an additional transi-
tion at the center of the bit cell, and a 1 is represented by
no additional transition at the center of the bit cell. In ad-
dition to these four methods, the ESCC can be used to
decode Manchester (biphase level) data by using the
DPLL in the FM mode and programming the receiver for
NRZ data. Manchester encoding always produces a
transition at the center of the bit cell. If the transition is
0/1, the bit is a 0. If the transition is 1/0, the bit is a 1.
Auto Echo and Local Loopback
The ESCC is capable of automatically echoing every-
thing it receives. This feature is useful mainly in asyn-
chronous modes but works in SYNC and SDLC modes
as well. In Auto Echo mode, TxD is RxD. Auto Echo
mode can be used with NRZI or FM encoding with no ad-
ditional delay, because the data stream is not decoded
before retransmission. In Auto Echo mode, the
CTS in-
put is ignored as a transmitter enable (although transi-
tions on this input can still cause interrupts if
programmed to do so). In this mode, the transmitter is
actually bypassed, and the programmer is responsible
for
disabling
transmitter
interrupts
and
WAIT/
REQUEST on transmit.
The ESCC is also capable of Local Loopback. In this
mode, TxD is RxD just as in Auto Echo mode. However,
in Local Loopback mode, the internal transmit data is
tied to the internal receive data, and RxD is ignored (ex-
cept to be echoed out via TxD). The
CTS and DCD in-
puts are also ignored as transmit and receive enables.
However, transitions on these inputs can still cause in-
terrupts. Local Loopback works in asynchronous,
SYNC, and SDLC modes with NRZ, NRZI, or FM coding
of the data stream.
1
1
001
0
Data
NRZ
NRZI
(Biphase Mark)
(Biphase Mark)
Manchester
Bit Cell Level
High = 1
Low = 0
No Change = 1
Change = 0
Bit Center Transition
Transition = 1
No Transition = 0
No Transition = 1
Transition = 0
High Low = 1
Low High = 0
Figure 6. Data Encoding Methods
FM1
FM0
10216F-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com