Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP175DLF Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # IP175DLF
Description  5 Port 10/100 Ethernet Integrated Switch (Loop Detection, Layer 2-4 MF Classifier, HW IGMP Snooping)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP175DLF Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button IP175DLF Datasheet HTML 42Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 43Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 44Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 45Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 46Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 47Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 48Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 49Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 145 page
background image
IP175DLF
Datasheet
46/145
August 22, 2014
Copyright © 2007, IC Plus Corp.
IP175DLF-DS-R10.1
The operation of a port which forwards the packet
Frame type of the
received packet
Forward to a untagged filed
Forward to a tagged field
Untagged
Forward the packet without modification
Insert a tag using the default VLAN tag
value of the source port
Priority-tagged
(VLAN ID=0)
Strip tag
Only Replace the VID with PVID of the
source port
VLAN-tagged
Strip tag
Forward the packet without modification
Table 1 Determination of insertion and removal tag
3.6
Quality of Service (QoS)
IP175DLF uses a combination of traffic policy, priority classification and output queue scheduling to
achieve policy-based QoS. Since current internet carrier different type services, such as file transfer,
email, video, voice and Web. Because the switch offers a limited resource, it can not assure any resource
guarantees to applications or users. Traffic policy can aggregate traffic flow and police against its traffic
profile. This way can restrain the traffics from entering the switch effectively. Finally, packets will place into
appropriate output queue based on priority classification.
3.6.1
Traffic Policy
In IP175DLF traffic policy is a consisting of classifier, meter and dropper. The classifier separate received
packets into different traffic stream based on matched condition. IP175DLF provides 8 Multi-Field entries,
each entry is a combination of one or more layer 2-4 header. Multi-Field classification can classify packets
into traffic classes and traffic flows. For instance an end-to-end flow is recognized using five-tuple. Each
Multi-Field contains a meter for measuring the traffic. The meter passes the in-of-profile packets for
forwarding and put out-of-profile packets into dropper for dropping. User can configure the parameters of
traffic policy from MII register 26.0-23.
Each entry associated with Multi-Field counter is in order to monitor traffic rate by user (or CPU). The
counter value is represented in byte units. The user (or CPU) can monitor the traffic rate to periodically
read the value of multi-field counter through MII register.
3.6.2
Priority Classification
Priority classification is used to separate packets into four priority levels. In IP175DLF packet classification
can categorize packets based on port-based classification and frame-based classification. Port-based
classification, packets coming from the same port have a fixed priority level. Frame-based classification,
frame categorization is based on one header filed or a combination of more header fields. In frame-based
classification has a flexible packet classification to classify priority level and the following header fields are
provided by determining the priority.
- Special tag
- Source MAC address
- Destination MAC address
- VID
- VLAN priority
- IPv4 ToS/IPv6 DSCP
- TCP/UDP logical port
- Layer 2-4 Multi-Field
Figure 3-3 illustrates the priority classification flow chart.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com