Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP175DLF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IP175DLF
Description  5 Port 10/100 Ethernet Integrated Switch (Loop Detection, Layer 2-4 MF Classifier, HW IGMP Snooping)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP175DLF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IP175DLF Datasheet HTML 1Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 2Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 3Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 4Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 5Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 6Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 7Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 8Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 145 page
background image
IP175DLF
Datasheet
1/145
August 22, 2014
Copyright © 2007, IC Plus Corp.
IP175DLF-DS-R10.1
5 Port 10/100 Ethernet Integrated Switch
(Loop Detection, Layer 2-4 MF Classifier, HW IGMP Snooping)
Features
General Description
Wide operating temperature range
-
IP175DLF
(0
°C to 70°C)
-
IP175DLFI (-40
°C to 85°C)
Built in 6 MAC and 5 PHY
Each
port
can
be
configured
to
be
10Based-T, 100Base-TX
Up to 2K MAC addresses
Support auto-polarity for 10Mbps
Broadcast storm protection
Auto MDI-MDIX
Support three MII/RMII ports
Layer2-4 Multi-Field classifier
-
Support 8-MultiField entry
-
Support traffic policy
-
Support Multi-Filed filter
-
Support copy to mirror port
-
Support trap to CPU port
Class of Service
-
Port based, MAC address, VID, VLAN
priority, IPv4 ToS, IPv6 DSCP,TCP/UDP
logical port and Multi-Field
QoS
-
Support policy-based QoS
-
Support 4-level priority queues per port
-
WRR/WFQ/SP
Support hardware IGMP v1,v2 snooping
Support Port mirror
Support 16 VLAN (IEEE Std 802.1q)
-
Port-based/tagged-based VLAN
-
Shared/Independent VLAN Learning
-
Support insert, remove tag
-
Support VLAN priority remarking
Support STP, RSTP and MSTP
Support port-based access control
Supports rate control(WFQ)
-
In/Out port rate control
-
Traffic Policy
Interrupt Pin
Support special tag and QinQ header
Support Link quality LED for 100Mbps
Support direct, serial and dual color LED
Built in Linear regulator control register
Support auto power saving mode
0.16um, 128-pin PQFP Lead Free package
IP175DLF
integrates
a
6-port
switch
controller, SSRAM, and 5 10/100 Ethernet
transceivers. Each of the transceivers compliers
with
the
IEEE802.3,
IEEE802.3u,
and
IEEE802.3x specifications. The DSP approach is
utilized for designing transceivers with 0.16um
technology; they have high noise immunity and
robust performance.
IP175DLF operates in store and forward
mode. IP175DLF have a lot of rich feature for
different application, include router application,
firewall,
IEEE
802.1Q,
IGMP
snooping,
policy-based QoS. It provides powerful QoS
function, include traffic policy, traffic meter, and
flexible queue scheduling (WRR/WFQ/SP). In
virtual LAN, IP175DLF support port-based VLAN
and IEEE 802.1Q tag-tagged VLAN (up to 16
VLAN groups).
IP175DLF support up to 2K MAC addresses,
up to 16 VLANs and up to 8 Multi-Field entries.
These tables are accessible through MII register.
The address table can configure either “2K
unicast addresses” or “1K unicast addresses and
1K
multicast
addresses“.
The
Multi-Field
classification is powerful classifier (layer2 to layer
4 packet headers) in packet classification. The
classifier divides incoming packets into multiple
classes based on prescribed rules. Each traffic
class from classifier can drop out-of-profile
packets,
monitor
traffic,
specify
forwarding
behavior, and specify output queue.
Beside a 5-port switch application, IP175DLF
supports
three
MII/RMII
ports
for
router
application, one WAN port and one HOME/PNA
or Access point. The external MAC can monitor
or
configure
IP175DLF
by
accessing
MII
registers through SMI0.
MII/RMII port also can be configured to be
MAC mode. It is used to interface an external
PHY to work as 5+1 switch. Through SMI1
IP175DLF can monitor and configure external
PHY.


Similar Part No. - IP175DLF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IP175ALF ETC2-IP175ALF Datasheet
1,016Kb / 60P
5 Port 10/100 Ethernet Integrated Switch
IP175ALF-DS-R01 ETC2-IP175ALF-DS-R01 Datasheet
1,016Kb / 60P
5 Port 10/100 Ethernet Integrated Switch
IP175ALF-DS-R02 ETC2-IP175ALF-DS-R02 Datasheet
1,016Kb / 60P
5 Port 10/100 Ethernet Integrated Switch
IP175ALF-DS-R03 ETC2-IP175ALF-DS-R03 Datasheet
1,016Kb / 60P
5 Port 10/100 Ethernet Integrated Switch
IP175ALF-DS-R04 ETC2-IP175ALF-DS-R04 Datasheet
1,016Kb / 60P
5 Port 10/100 Ethernet Integrated Switch
More results

Similar Description - IP175DLF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IP178A ETC1-IP178A Datasheet
1Mb / 44P
8-Port 10/100 Ethernet Integrated Switch
IP178C ETC1-IP178C Datasheet
1Mb / 91P
8 Port 10/100 Ethernet Integrated Switch
logo
Vitesse Semiconductor C...
VSC7310-01 VITESSE-VSC7310-01 Datasheet
488Kb / 2P
24-Port 10/100/1000 and 2-Port 10 Gbps Wire-Speed Stackable Layer-2/Layer-3 Ethernet Switch
logo
List of Unclassifed Man...
IP175ALF ETC2-IP175ALF Datasheet
1,016Kb / 60P
5 Port 10/100 Ethernet Integrated Switch
IP175C ETC2-IP175C Datasheet
1Mb / 111P
5 Port 10/100 Ethernet Integrated Switch
IP178C ETC2-IP178C_1 Datasheet
943Kb / 93P
8 Port 10/100 Ethernet Integrated Switch
logo
Vitesse Semiconductor C...
VSC7420-04 VITESSE-VSC7420-04 Datasheet
296Kb / 2P
10-Port Layer 2 Gigabit Ethernet Switch
logo
List of Unclassifed Man...
IP175G ETC2-IP175G Datasheet
752Kb / 69P
5 Port 10/100 Ethernet Integrated Switch
IP178G ETC2-IP178G Datasheet
1,013Kb / 76P
8 Port 10/100 Ethernet Integrated Switch
logo
Microsemi Corporation
VSC7511 MICROSEMI-VSC7511 Datasheet
4Mb / 324P
4-Port Layer-2 Gigabit Ethernet Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com