Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP175DLF Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # IP175DLF
Description  5 Port 10/100 Ethernet Integrated Switch (Loop Detection, Layer 2-4 MF Classifier, HW IGMP Snooping)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP175DLF Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button IP175DLF Datasheet HTML 45Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 46Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 47Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 48Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 49Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 50Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 51Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 52Page - List of Unclassifed Manufacturers IP175DLF Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 145 page
background image
IP175DLF
Datasheet
49/145
August 22, 2014
Copyright © 2007, IC Plus Corp.
IP175DLF-DS-R10.1
buckets with four entries in each bucket. Each bucket is located through its respective hash key,
calculated from MAC and FID by using XOR algorithm. It is possible that multiple MAC addresses index to
the same bucket, term as collision. IP175DLF provides four entries within each buck for reducing collision
rate. Finally, the 11-bit hash index mapping to MAC table consist of three parameters: multicast address
bit, hash key and entry number. The MSB of hash index distinguishes multicast address from MAC
addresses. The least two significant bit in hash index indicates entry number. The other bit is hash key
which calculated from MAC and FID using XOR algorithm. In IP175DLF the formula of hash index is
computed based on table structure. The user can set AT_STR bit to configure table structure. The 11-bit
hash index is computed as following:
AT_STR=0 (2K unicast table)
Hash Index = { XOR( {2'b00,FID,MAC[47:45]}, MAC[44:36], MAC[35:27], MAC[26:18], MAC[17:9],
MAC[8:0] ), Entry Number }
AT_STR=1 (1K unicast table and 1K multicast table)
Hash Index = {Multicast Address Bit, XOR( {4'h0,FID}, MAC[47:40], MAC[39:32], MAC[31:24],
MAC[23:16], MAC[15:8], MAC[7:0] ), Entry Number }
3.9.1
Entry Content
Entry content in MAC table contains the forwarding information for a specific MAC address. This table
content is automatically updated by learning process and can directly access from the CPU through
Address Table Access register (see MII register 21.14-19).
The contents are described in Table 3, Table 4 and Table 5.
MII Register
Name
Description
21.15
MAC_ADDR[15:0]
MAC address[15:0]
21.16
MAC_ADDR[31:16]
MAC address[31:16]
21.17
MAC_ADDR[47:32]
MAC address[47:32]
21.18[15:14]
FILTER_INFO
Filter information:
-
2’b00: reserved
-
2’b01: discard frame if frame’s SMAC match MAC address
-
2’b10: ignore VLAN member set
-
2’b11: copy frame to mirror port if frame’s DMAC match MAC
address
21.18[13:10]
PRI_INFO
Priority information: To assign queue number for frames with match
MAC table entry. The information is divided two parts: match
condition and its action.
Match Condition (21.18[13:12]):
-
2’b00: reserved
-
2’b01: match DMAC (Destination MAC Address)
-
2’b10: match SMAC (Source MAC Address)
-
2’b11: match DMAC or SMAC
Action (21.18[11:10]):
-
Assign to Queue 0
-
Assign to Queue 1
-
Assign to Queue 2
-
Assign to Queue 3
21.18[9:6]
FID
4-bit FID
21.18[5:3]
PORT_ID
Port ID:
-
3’b000: discard frame if frame’s DMAC match MAC address
-
3’b001- 3’b110: port ID
-
3’b111: reserved
21.18[2:0]
AGE
Age time: If this field is set all zero, it indicates the corresponding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com