Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIL25C Datasheet(PDF) 9 Page - Artesyn Technologies

Part # SIL25C
Description  Single negative output 25 A DC-DC Converter C Class Non-Isolated
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SIL25C Datasheet(HTML) 9 Page - Artesyn Technologies

Back Button SIL25C Datasheet HTML 3Page - Artesyn Technologies SIL25C Datasheet HTML 4Page - Artesyn Technologies SIL25C Datasheet HTML 5Page - Artesyn Technologies SIL25C Datasheet HTML 6Page - Artesyn Technologies SIL25C Datasheet HTML 7Page - Artesyn Technologies SIL25C Datasheet HTML 8Page - Artesyn Technologies SIL25C Datasheet HTML 9Page - Artesyn Technologies SIL25C Datasheet HTML 10Page - Artesyn Technologies SIL25C Datasheet HTML 11Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
SIL25C Series | 25 A DC-DC Converter
C Class Non-Isolated
9
www.artesyn.com
File Name: lf_sil25c_12_neg.pdf Rev (02): 22 Dec 2005
PIN 1
ID LABEL LOCATION
TYP.
0.100 [2.54]
2.400 [60.96]
0.470 [11.94]
0.158 [4.02]
0.520 [13.21]
0.260
±0.030
[6.60
±0.760]
3 Places 0.010 (0.250)
Tolerances (unless otherwise specified)
Dimensions in Inches Approx Metric
Third Angle Projections
Equiv in (mm)
Figure 9: Mechanical Drawing and Pinout Table
Pin Connections
Pin No.
Function
1
TRIM
2
Not Connected
3
Ground
4
POWER GOOD
5
No Pin
6
Not Connected
7
Ground
8
Ground
9
Remote ON/OFF
10
Remote Sense (GND)
11
Remote Sense (O/P)
12
Vin
13
Vin
14
Vin
15
Vout
16
Vout
17
Ground
18
Vout
19
Ground
20
Vout
21
Ground
22
Vout
23
Ground
24
Vout



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com