Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIL25C Datasheet(PDF) 10 Page - Artesyn Technologies

Part # SIL25C
Description  Single negative output 25 A DC-DC Converter C Class Non-Isolated
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SIL25C Datasheet(HTML) 10 Page - Artesyn Technologies

Back Button SIL25C Datasheet HTML 3Page - Artesyn Technologies SIL25C Datasheet HTML 4Page - Artesyn Technologies SIL25C Datasheet HTML 5Page - Artesyn Technologies SIL25C Datasheet HTML 6Page - Artesyn Technologies SIL25C Datasheet HTML 7Page - Artesyn Technologies SIL25C Datasheet HTML 8Page - Artesyn Technologies SIL25C Datasheet HTML 9Page - Artesyn Technologies SIL25C Datasheet HTML 10Page - Artesyn Technologies SIL25C Datasheet HTML 11Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Note 1
Thermal reference point is defined as the highest temperature
measured at any one of the specified thermal reference points.
Note 2
The control pin is referenced to Vin-
Note 3
The SIL25C is supplied as standard with active High logic.
Control input pulled low: Unit Disabled
Control input left open: Unit Enabled
Note 4
Thermal reference set up: Unit mounted on an edge card test
board 215mm x 115mm. Test board mounted vertically. For test
details and recommended set-up see Application Note 1
48.
Note 5
3-200Hz, sweep at 1/2 octave/min from low to high frequency,
and then from high to low. Thirty minute dwell at all resonant
points.
CAUTION: Hazardous internal voltages and high temperatures.
Ensure that unit is accessible only to trained personnel. The user
must provide the recommended fusing in order to comply with
safety approvals.
SIL25C Series | 25 A DC-DC Converter
C Class Non-Isolated
18
10
www.artesyn.com
File Name: lf_sil25c_12_neg.pdf Rev (02): 22 Dec 2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com