Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIL25C Datasheet(PDF) 3 Page - Artesyn Technologies

Part # SIL25C
Description  Single negative output 25 A DC-DC Converter C Class Non-Isolated
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SIL25C Datasheet(HTML) 3 Page - Artesyn Technologies

  SIL25C Datasheet HTML 1Page - Artesyn Technologies SIL25C Datasheet HTML 2Page - Artesyn Technologies SIL25C Datasheet HTML 3Page - Artesyn Technologies SIL25C Datasheet HTML 4Page - Artesyn Technologies SIL25C Datasheet HTML 5Page - Artesyn Technologies SIL25C Datasheet HTML 6Page - Artesyn Technologies SIL25C Datasheet HTML 7Page - Artesyn Technologies SIL25C Datasheet HTML 8Page - Artesyn Technologies SIL25C Datasheet HTML 9Page - Artesyn Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SIL25C Series | 25 A DC-DC Converter
C Class Non-Isolated
3
www.artesyn.com
Characteristic - Signal Name Symbol
Min
Typ
Max
Units
Notes and Conditions
At remote/control ON/OFF pin
See Notes 2 and 3
Open collector or equivalent
See Application Note 1
48 for
compatible
Remote ON/OFF details
Control pin open circuit voltage
Vih
2.6
4
V
Iih = 0 µA; open circuit voltage
High level input current
Iih
1
µA
Current flowing into control pin
when pin is pulled high
(max. at Vih = 13.8V)
High level input voltage
Vih
2.50
Vin
Converter guaranteed on when
control pin is greater than Vih
(max)
Low level input voltage
ViI
1.20
V
Converter guaranteed off
when control pin is
less than Vil (max)
Low level input current
Iil (max)
1.3
mA
ViI = 0.0 V;
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Mean time between failure
MTBF
282,000
Hours
MIL-HDBK-217F,
Vin = Vin (nom); Iout = Iout
(max); ambient 25ºC;
ground benign environment
Mean time between failure
MTBF
3,000,000
Hours
Telcordia SR-332
Issue 3, ground benign,
temp. = 40ºC, Vin = Vin (nom),
Iout = Iout (max)
Signal Electrical Interface
Reliability and Service Life
File Name: lf_sil25c_12_neg.pdf Rev (02): 22 Dec 2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com