Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIL25C Datasheet(PDF) 2 Page - Artesyn Technologies

Part # SIL25C
Description  Single negative output 25 A DC-DC Converter C Class Non-Isolated
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SIL25C Datasheet(HTML) 2 Page - Artesyn Technologies

  SIL25C Datasheet HTML 1Page - Artesyn Technologies SIL25C Datasheet HTML 2Page - Artesyn Technologies SIL25C Datasheet HTML 3Page - Artesyn Technologies SIL25C Datasheet HTML 4Page - Artesyn Technologies SIL25C Datasheet HTML 5Page - Artesyn Technologies SIL25C Datasheet HTML 6Page - Artesyn Technologies SIL25C Datasheet HTML 7Page - Artesyn Technologies SIL25C Datasheet HTML 8Page - Artesyn Technologies SIL25C Datasheet HTML 9Page - Artesyn Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SIL25C Series | 25 A DC-DC Converter
C Class Non-Isolated
2
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Input voltage - turn on
Vin (on)
8.5
10.0
10.2
V DC
Input voltage - turn off
Vin (off)
8.5
9.5
10.0
V DC
Turn on delay - enabled,
Tdelay
30
msec
With the Remote ON/OFF signal
then power applied
(power)
asserted, this is the time from
when the input voltage reaches
the minimum specified operating
voltage until the POWER GOOD
is asserted high
Turn on delay - power
Tdelay
20
msec
Vin = Vin (nom), then Remote
applied, then Remote ON/OFF
(Remote ON/OFF)
ON/OFF asserted. This is the
asserted
time taken until the POWER
GOOD is asserted high
Output to Power Good
Tdelay
20
msec
Output voltage in full regulation
delay
to POWER GOOD asserted high
Rise time
Trise
8
msec
From 10% to 90%; full resistive
load, 2 x 680µF external
capacitance
All specifications are typical at nominal input Vin = 12V, full load under any resistive load combination at 25˚C unless otherwise stated.
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Input voltage - operating
Vin (oper)
10.2
12.0
13.8
V DC
Input current - no load
lin
280
400
mADC
Vin (min) - Vin (max), enabled
Input current - Quiescent
lin (off)
30
40
mADC
Converter disabled
Input voltage variation
dv/dt
1.0
V/ms
Input Characteristics
Turn On/Off
Absolute Maximum Ratings
File Name: lf_sil25c_12_neg.pdf Rev (02): 22 Dec 2005
Characteristic
Symbol
Min
Typ
Max
Units
Notes and Conditions
Input voltage - continuous
Vin (cont)
-0.3
13.8
V DC
Vin(+) - Vin(-)
Operating temperature
Top
-40
80
ºC
Measured at thermal reference
points, see Note 1. Higher
ambient operation possible with
forced air cooling. See de-rating
curves
Power Good pull-up voltage
15
V
Storage temperature
Tstorage
-40
125
ºC
Output current
Iout
0
25
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com