Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLE121LR Datasheet(PDF) 4 Page - Silicon Laboratories

Part # BLE121LR
Description  Renamed "Bluetooth Smart" to "Bluetooth Low Energy" according to the official Bluetooth SIG nomenclature
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

BLE121LR Datasheet(HTML) 4 Page - Silicon Laboratories

  BLE121LR Datasheet HTML 1Page - Silicon Laboratories BLE121LR Datasheet HTML 2Page - Silicon Laboratories BLE121LR Datasheet HTML 3Page - Silicon Laboratories BLE121LR Datasheet HTML 4Page - Silicon Laboratories BLE121LR Datasheet HTML 5Page - Silicon Laboratories BLE121LR Datasheet HTML 6Page - Silicon Laboratories BLE121LR Datasheet HTML 7Page - Silicon Laboratories BLE121LR Datasheet HTML 8Page - Silicon Laboratories BLE121LR Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
Silicon Labs
BLE121LR Bluetooth® Low Energy Module
DESCRIPTION
BLE121LR is a Bluetooth Low Energy Long
Range
module
targeted
for
Bluetooth Low
Energy applications where the best possible
RF performance and range are required. At +8
dBm TX power and -98 dBm sensitivity
BLE121LR has best-in-class RF performance
and
can
provide
Bluetooth Low
Energy
connectivity up to 450 meters. BLE121LR
integrates all features required for a
Bluetooth
Low
Energy
application:
Bluetooth radio,
software stack and GATT based profiles. and it
can also host end user applications, which
means no external micro controller is required
in size, price or power constrained devices.
BLE121LR
Bluetooth Low Energy module also
has flexible hardware interfaces to connect to
different peripherals or
sensors. Although
BLE121LR
Bluetooth Low
Energy
Long
Range
Module
is
target
for
applications
requiring high RF performance, it is still has
relatively low power consumption and can be
power using a standard 3V coin cell batteries.
APPLICATIONS:
•
Smart home accessories
•
beacon devices
•
Health and fitness sensors
•
Medical sensors
•
iPhone and iPad accessories
•
Security and proximity tags
KEY FEATURES:
•
Bluetooth v. 4.0 Single Mode Compliant
o
Master and slave modes
o
Up to eight connections
•
Integrated Bluetooth Low Energy Stack
o
GAP, ATT and GATT
o
Bluetooth Low Energy profiles
•
Best-in-Class RF Performance
o
Transmit power : +8 dBm
o
Receiver sensitivity: -98 dBm
o
Range up to 450 meters
•
Low Current Consumption
o
Transmit: 36 mA (+8 dBm)
o
Receive: 33 mA (-98 dBm)
o
Power mode 3: 0.5 uA
•
Flexible Peripheral Interfaces
o
UART and SPI
o
I2C, PWM and GPIO
o
12-bit ADC
•
Host Interfaces:
o
UART
•
Programmable 8051 Processor for
Stand-alone Operation
o
Simple Bluegiga BGScriptTM
scripting language for quick
application development
o
Bluegiga Profile ToolkitTM
allowing the quick development
of GATT based profiles
•
Dimensions: 14.7 x 13.0 x 1.8 mm
•
Bluetooth, CE, FCC, IC, South Korea,
Japan and Brazil qualified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com