Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLE121LR Datasheet(PDF) 23 Page - Silicon Laboratories

Part # BLE121LR
Description  Renamed "Bluetooth Smart" to "Bluetooth Low Energy" according to the official Bluetooth SIG nomenclature
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

BLE121LR Datasheet(HTML) 23 Page - Silicon Laboratories

Back Button BLE121LR Datasheet HTML 19Page - Silicon Laboratories BLE121LR Datasheet HTML 20Page - Silicon Laboratories BLE121LR Datasheet HTML 21Page - Silicon Laboratories BLE121LR Datasheet HTML 22Page - Silicon Laboratories BLE121LR Datasheet HTML 23Page - Silicon Laboratories BLE121LR Datasheet HTML 24Page - Silicon Laboratories BLE121LR Datasheet HTML 25Page - Silicon Laboratories BLE121LR Datasheet HTML 26Page - Silicon Laboratories BLE121LR Datasheet HTML 27Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
Silicon Labs
Page 23 of 35
from the edges of the PCB. Connect all the GND pins directly to a solid GND plane and make sure that there
is a low impedance path for the return current following the signal and supply traces all the way from start to
the end.
A good practice is to dedicate one of the inner layers to a solid GND plane and one of the inner layers to
supply voltage planes and traces and route all the signals on top and bottom layers of the PCB. This
arrangement will make sure that any return current follows the forward current as close as possible and any
loops are minimized.
Layout
•
Supply voltage
– If possible use solid power plane
– Make sure that solid GND plane follows the traces all the way
– Do not route supply voltage traces across separated GND regions so that the
path for the return current is cut
•
MIC input
– Place LC filtering and DC coupling capacitors symmetrically as close to audio
pins as possible
– Place MIC biasing resistors symmetrically as close to microhone as possible.
– Make sure that the bias trace does not cross separated GND regions (DGND ->
AGND) so that the path for the return current is cut. If this is not possible the do
not separate GND regions but keep one solid GND plane.
– Keep the trace as short as possible
Signals
GND
Power
Signals
Recommended PCB layer configuration
Figure 21: Typical 4-layer PCB construction
Overlapping GND layers without
GND stitching vias
Overlapping GND layers with
GND stitching vias shielding the
RF energy
Figure 22: Use of stitching vias to avoid emissions from the edges of the PCB
7.3 BLE121LR-A Layout Guide
For optimal performance of the antenna place the module at the edge of the PCB as shown in the Figure 23.
Do not place any metal (traces, components, battery etc.) within the clearance area of the antenna. Connect
all the GND pins directly to a solid GND plane. Place the GND vias as close to the GND pins as possible. Use
good layout practices to avoid any excessive noise coupling to signal lines or supply voltage lines. Do not
place plastic or any other dielectric material in touch with the antenna.
Min 17mm
Min 17mm
Metal clearance
area
Board edge
Figure 23: Recommended layout for BLE121LR-A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com