Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLE121LR Datasheet(PDF) 17 Page - Silicon Laboratories

Part # BLE121LR
Description  Renamed "Bluetooth Smart" to "Bluetooth Low Energy" according to the official Bluetooth SIG nomenclature
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

BLE121LR Datasheet(HTML) 17 Page - Silicon Laboratories

Back Button BLE121LR Datasheet HTML 13Page - Silicon Laboratories BLE121LR Datasheet HTML 14Page - Silicon Laboratories BLE121LR Datasheet HTML 15Page - Silicon Laboratories BLE121LR Datasheet HTML 16Page - Silicon Laboratories BLE121LR Datasheet HTML 17Page - Silicon Laboratories BLE121LR Datasheet HTML 18Page - Silicon Laboratories BLE121LR Datasheet HTML 19Page - Silicon Laboratories BLE121LR Datasheet HTML 20Page - Silicon Laboratories BLE121LR Datasheet HTML 21Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
Silicon Labs
Page 17 of 35
4.6 Range of BLE121LR
Module
Typical
TXP
Sensitivity
Direction
Antenna
Attenuation
Link Budget
Calculated
Range
Tested
Range
BLE121LR
8 dBm
-98 dBm
Front
-3 dB
100 dB
470m
450m
BLE121LR
8 dBm
-98 dBm
Back
-7 dB
92 dB
300m
300m
BLE121LR
8 dBm
-98 dBm
Side
-5 dB
96 dB
370m
340m
-120
-110
-100
-90
-80
-70
-60
-50
-40
10
100
1000
Plane Earth Loss
Free Space Loss
Range (m)
14.7 mm
13.7 mm
Figure 12: Range of BLE121LR vs BLE121LR when antennas are 1.5m above GND
The range of BLE121LR is dependent on the mother board layout, height of the antennas above GND and
any obstacles within the RF path or near the RF path (multipath propagation). See Figure 25 how the layout
impacts to the range of BLE121LR.
In an open field the received power is a sum of the line-of-sight wave and the ground-reflected wave.
Depending on the phase of the ground-reflected wave, it either amplifies or attenuates the total received
power. Figure 14 shows how the antenna height from ground impacts to the RF path loss and range in an
open field.
RF power propagates in fr
ee space within a virtual “pipe” which can be defined by so called Fresnel ellipsoid.
Any obstacles within the area of this “pipe” will attenuate the RF power and thus decrease the actual range of
the link.
The radius of the “pipe” can be approximated by
12
=
D
R
Where R is the radius, D is the distance between the antennas and lambda is the wave length (12.2 cm).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com