Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLE121LR Datasheet(PDF) 27 Page - Silicon Laboratories

Part # BLE121LR
Description  Renamed "Bluetooth Smart" to "Bluetooth Low Energy" according to the official Bluetooth SIG nomenclature
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

BLE121LR Datasheet(HTML) 27 Page - Silicon Laboratories

Back Button BLE121LR Datasheet HTML 23Page - Silicon Laboratories BLE121LR Datasheet HTML 24Page - Silicon Laboratories BLE121LR Datasheet HTML 25Page - Silicon Laboratories BLE121LR Datasheet HTML 26Page - Silicon Laboratories BLE121LR Datasheet HTML 27Page - Silicon Laboratories BLE121LR Datasheet HTML 28Page - Silicon Laboratories BLE121LR Datasheet HTML 29Page - Silicon Laboratories BLE121LR Datasheet HTML 30Page - Silicon Laboratories BLE121LR Datasheet HTML 31Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
Silicon Labs
Page 27 of 35
addressing mode, source and destination pointers, and transfer count) is configured with DMA descriptors that
can be located anywhere in memory. Many of the hardware peripherals (AES core, flash controller, USARTs,
timers, ADC interface, etc.) can be used with the DMA controller for efficient operation by performing data
transfers between a single SFR or XREG address and flash/SRAM.
Each CC2541 contains a unique 48-bit IEEE address that can be used as the public device address for a
Bluetooth device. Designers are free to use this address, or provide their own, as described in the Bluetooth
specification.
The interrupt controller services a total of 18 interrupt sources, divided into six interrupt groups, each of which
is associated with one of four interrupt priorities. I/O and sleep timer interrupt requests are serviced even if the
device is in a sleep mode (power modes 1 and 2) by bringing the CC2541 back to the active mode.
The debug interface implements a proprietary two-wire serial interface that is used for in-circuit debugging.
Through this debug interface, it is possible to erase or program the entire flash memory, control which
oscillators are enabled, stop and start execution of the user program, execute instructions on the 8051 core,
set code breakpoints, and single-step through instructions in the code. Using these techniques, it is possible
to perform in-circuit debugging and external flash programming elegantly.
The I/O controller is responsible for all general-purpose I/O pins. The CPU can configure whether peripheral
modules control certain pins or whether they are under software control, and if so, whether each pin is
configured as an input or output and if a pullup or pulldown resistor in the pad is connected. Each peripheral
that connects to the I/O pins can choose between two different I/O pin locations to ensure flexibility in various
applications.
The sleep timer is an ultra-low power timer that uses an external 32.768-kHz crystal oscillator. The sleep timer
runs continuously in all operating modes except power mode 3. Typical applications of this timer are as a real-
time counter or as a wake-up timer to exit power modes 1 or 2.
Timer 1 is a 16-bit timer with timer/counter/PWM functionality. It has a programmable prescaler, a 16-bit
period value, and five individually programmable counter/capture channels, each with a 16-bit compare value.
Each of the counter/capture channels can be used as a PWM output or to capture the timing of edges on input
signals. It can also be configured in IR generation mode, where it counts timer 3 periods and the output is
ANDed with the output of timer 3 to generate modulated consumer IR signals with minimal CPU interaction.
Timer 2 is a 40-bit timer used by the Bluetooth low energy stack. It has a 16-bit counter with a configurable
timer period and a 24-bit overflow counter that can be used to keep track of the number of periods that have
transpired. A 40-bit capture register is also used to record the exact time at which a start-of-frame delimiter is
received/transmitted or the exact time at which transmission ends. There are two 16-bit timer-compare
registers and two 24-bit overflow-compare registers that can be used to give exact timing for start of RX or TX
to the radio or general interrupts.
Timer 3 and timer 4 are 8-bit timers with timer/counter/PWM functionality. They have a programmable
prescaler, an 8-bit period value, and one programmable counter channel with an 8-bit compare value. Each of
the counter channels can be used as PWM output.
USART 0 and USART 1 are each configurable as either an SPI master/slave or a UART. They provide double
buffering on both RX and TX and hardware flow control and are thus well suited to high-throughput full-duplex
applications. Each USART has its own high-precision baud-rate generator, thus leaving the ordinary timers
free for other uses. When configured as SPI slaves, the USARTs sample the input signal using SCK directly
instead of using some oversampling scheme, and are thus well-suited for high data rates.
The AES encryption/decryption core (with CBC-MAC) allows the user to encrypt and decrypt data using the
AES algorithm with 128-bit keys.
The ADC supports 7 to 12 bits of resolution with a corresponding range of bandwidths from 30-kHz to 4-kHz,
respectively. DC and audio conversions with up to eight input channels (I/O controller pins) are possible. The
inputs can be selected as single-ended or differential. The reference voltage can be internal, AVDD, or a
single-ended or differential external signal. The ADC also has a temperature-sensor input channel. The ADC
can automate the process of periodic sampling or conversion over a sequence of channels.
The I2C module provides a digital peripheral connection with two pins and supports both master and slave



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com