Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFP01 Datasheet(PDF) 104 Page - Silicon Laboratories

Part # EFP01
Description  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 Datasheet(HTML) 104 Page - Silicon Laboratories

Back Button EFP01 Datasheet HTML 100Page - Silicon Laboratories EFP01 Datasheet HTML 101Page - Silicon Laboratories EFP01 Datasheet HTML 102Page - Silicon Laboratories EFP01 Datasheet HTML 103Page - Silicon Laboratories EFP01 Datasheet HTML 104Page - Silicon Laboratories EFP01 Datasheet HTML 105Page - Silicon Laboratories EFP01 Datasheet HTML 106Page - Silicon Laboratories EFP01 Datasheet HTML 107Page - Silicon Laboratories EFP01 Datasheet HTML 108Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 158 page
background image
6.2.12 CC_MODE
Offset
Bit Position
0x12
7
6
5
4
3
2
1
0
Reset
0
0
0x00
Access
Name
Table 6.12. CC_MODE
Bit
Name
Reset
Access
Description
7:4
RESERVED
0
Reserved. Always write bits to 0.
3
SC_MODE
0
read-only
Single Cell Mode indicator. Determined at power-on,
based on voltage applied to VDDA pin. If a valid voltage is
present at the VDDA pin, SC_MODE = 1; otherwise,
SC_MODE = 0.
2
CCB_MODE
0
read-only
Mode of buck converter driving VOB.
Calibration of the Coulomb counter ( # of Coulombs per
pulse, or CPP ) depends on the mode of the converter.
Calibration involves forcing the current mode (so it's not
switching back and forth) for the calibration operation,
which yields # of Coulombs per pulse (CPP) in that mode.
If reading the CCB_MODE as part of the counter unload-
ing process shows that the mode has changed, firmware
should compute the CPP for the new mode.
Note that addressing this read-only register causes an in-
hibition in the updating of the register, to ensure that the
capture of the register is not corrupted by changes during
the capture process. Users should address these registers
only when they are actively reading them.
Value
Mode
Description
0
BUCK
Buck Mode
1
LDOB
LDO Mode
EFP01 Energy Friendly PMIC Family Data Sheet
Register Definitions
silabs.com | Building a more connected world.
Rev. 1.3 | 104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com