Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFP01 Datasheet(PDF) 107 Page - Silicon Laboratories

Part # EFP01
Description  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 Datasheet(HTML) 107 Page - Silicon Laboratories

Back Button EFP01 Datasheet HTML 103Page - Silicon Laboratories EFP01 Datasheet HTML 104Page - Silicon Laboratories EFP01 Datasheet HTML 105Page - Silicon Laboratories EFP01 Datasheet HTML 106Page - Silicon Laboratories EFP01 Datasheet HTML 107Page - Silicon Laboratories EFP01 Datasheet HTML 108Page - Silicon Laboratories EFP01 Datasheet HTML 109Page - Silicon Laboratories EFP01 Datasheet HTML 110Page - Silicon Laboratories EFP01 Datasheet HTML 111Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 158 page
background image
6.2.14 CCA_LSBY
Offset
Bit Position
0x14
7
6
5
4
3
2
1
0
Reset
0x00
Access
Name
Table 6.14. CCA_LSBY
Bit
Name
Reset
Access
Description
7:0
CCA_LSBY
0x00
read-only
Least significant byte of Coulomb counter for VOA. Each
count represents a number of PFM pulses, determined by
the prescaler setting (CC_CTRL.CC_PRESCL).
Note that this value is spread over 2 registers and may be
continuously updated. To ensure that the capture of the
register is not corrupted by changes during the capture
process, addressing this read-only register causes an in-
hibition in the updating of the register. Because this can
result in some small amount of missed Coulomb counter
counts, users should address these registers only when
they are actively reading them.
To ensure coherence when reading the most significant
and least significant bytes, a MSBY register read causes
the corresponding LSBY register value to be stored into a
shadow register. Reading the LSBY register will then re-
turn the value stored in the LSBY shadow register.
EFP01 Energy Friendly PMIC Family Data Sheet
Register Definitions
silabs.com | Building a more connected world.
Rev. 1.3 | 107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com