Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFP01 Datasheet(PDF) 105 Page - Silicon Laboratories

Part # EFP01
Description  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 Datasheet(HTML) 105 Page - Silicon Laboratories

Back Button EFP01 Datasheet HTML 101Page - Silicon Laboratories EFP01 Datasheet HTML 102Page - Silicon Laboratories EFP01 Datasheet HTML 103Page - Silicon Laboratories EFP01 Datasheet HTML 104Page - Silicon Laboratories EFP01 Datasheet HTML 105Page - Silicon Laboratories EFP01 Datasheet HTML 106Page - Silicon Laboratories EFP01 Datasheet HTML 107Page - Silicon Laboratories EFP01 Datasheet HTML 108Page - Silicon Laboratories EFP01 Datasheet HTML 109Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 158 page
background image
Bit
Name
Reset
Access
Description
1:0
CCA_MODE
0x00
read-only
Mode of buck/boost converter driving VOA.
Calibration of the Coulomb counter ( # of Coulombs per
pulse, or CPP ) depends on the mode of the converter.
Calibration involves forcing the current mode (so it's not
switching back and forth) for the calibration operation,
which yields # of Coulombs per pulse (CPP) in that mode.
If reading the CCA_MODE as part of the counter unload-
ing process shows that the mode has changed, firmware
should compute the CPP for the new mode.
Note that addressing this read-only register causes an in-
hibition in the updating of the register, to ensure that the
capture of the register is not corrupted by changes during
the capture process. Users should address these registers
only when they are actively reading them.
Value
Mode
Description
0
BUCK
Buck Mode
1
AUTO
Autonomous Buck/Boost Mode
2
BOOST
Boost Mode
3
LDO
LDO C Parallel Mode
EFP01 Energy Friendly PMIC Family Data Sheet
Register Definitions
silabs.com | Building a more connected world.
Rev. 1.3 | 105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com