Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFP01 Datasheet(PDF) 128 Page - Silicon Laboratories

Part # EFP01
Description  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 Datasheet(HTML) 128 Page - Silicon Laboratories

Back Button EFP01 Datasheet HTML 124Page - Silicon Laboratories EFP01 Datasheet HTML 125Page - Silicon Laboratories EFP01 Datasheet HTML 126Page - Silicon Laboratories EFP01 Datasheet HTML 127Page - Silicon Laboratories EFP01 Datasheet HTML 128Page - Silicon Laboratories EFP01 Datasheet HTML 129Page - Silicon Laboratories EFP01 Datasheet HTML 130Page - Silicon Laboratories EFP01 Datasheet HTML 131Page - Silicon Laboratories EFP01 Datasheet HTML 132Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 158 page
background image
6.2.37 BIAS_SW
Offset
Bit Position
0x4E
7
6
5
4
3
2
1
0
Reset
0x00
0x00
0x00
Access
Name
Table 6.37. BIAS_SW
Bit
Name
Reset
Access
Description
7:6
VOA_SW_CON
0x00
read-write
Enables switch between VOA output and VOA_SW pin
Note that if VOA is low, enabling the VOA_SW is disal-
lowed, and can cause extra quiescent current.
Value
Mode
Description
0
OFF
Disabled unconditionally
1
ON
Enabled in EM0, EM2, and EM4
2
ONINEM0
Enabled in EM0 only
3
ONINEM02
Enabled in EM0 and EM2 only
5:3
BIAS2
0x00
read-write
Controls bias of all DCDCs and LDOs in EM2
Value
Mode
Description
0
87NA
1
100NA
2
114NA
3
147NA
4
325NA
5
386NA
6
453NA
7
600NA
2:0
BIAS0
0x00
read-write
Controls bias of all DCDCs and LDOs in EM0
Value
Mode
Description
0
87NA
1
100NA
2
114NA
EFP01 Energy Friendly PMIC Family Data Sheet
Register Definitions
silabs.com | Building a more connected world.
Rev. 1.3 | 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com