Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFP01 Datasheet(PDF) 131 Page - Silicon Laboratories

Part # EFP01
Description  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 Datasheet(HTML) 131 Page - Silicon Laboratories

Back Button EFP01 Datasheet HTML 127Page - Silicon Laboratories EFP01 Datasheet HTML 128Page - Silicon Laboratories EFP01 Datasheet HTML 129Page - Silicon Laboratories EFP01 Datasheet HTML 130Page - Silicon Laboratories EFP01 Datasheet HTML 131Page - Silicon Laboratories EFP01 Datasheet HTML 132Page - Silicon Laboratories EFP01 Datasheet HTML 133Page - Silicon Laboratories EFP01 Datasheet HTML 134Page - Silicon Laboratories EFP01 Datasheet HTML 135Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 158 page
background image
Bit
Name
Reset
Access
Description
4:0
BB_IPK
0x00
read-write
Peak Current setting for DCDC A in EM0. The BB_IPK
setting is used differently depending on the operating
mode of the DCDC A converter, but the resulting peak cur-
rents for all modes are derived from the following base
peak current equation:
IPK_BASE= 0.090A + ( 0.009A * BB_IPK )
When DCDC A is operating in Buck mode:
Buck Mode Peak current in EM0 (Amps) = IPK_BASE +
(25ns * (VDDB - VOA) ) / L
In Boost and NTM modes, the peak current depends on
the battery voltage (VBAT), which varies depending on the
hardware configuration: VBAT is the VDDA pin voltage in
Single-Cell Boost Configuration, VBAT is the VDDB pin
voltage in Wired Boost Configuration, and VBAT is the
voltage at the battery in Boost Bootstrap Configuration.
When DCDC A is operating in NTM mode:
NTM Mode Peak current in EM0 (Amps) = 1.15 *
IPK_BASE + (25ns * VBAT ) / L
When DCDC A is operating in Boost mode with no peak
current adjustment:
Boost Mode (NOADJ=1) Peak current in EM0 (Amps) =
2.35 * IPK_BASE + (25ns * VBAT ) / L
To disable the peak current adjustment in Boost mode, set
BB_CTRL6.BB_IPK_NOADJ=1.
When DCDC A is operating in Boost mode with peak cur-
rent adjustment enabled:
Boost Mode (NOADJ=0) Peak current in EM0 (Amps) =
2.35 * MIN( IPK_BASE * VOA / (2 * VBAT), 385mA ) +
(25ns * VBAT ) / L
When operating in Boost mode with peak current adjust-
ment, the peak current will be adjusted to maintain a near
constant output load current over the battery voltage
range, where the expected output load current is approxi-
mately IPK_BASE / 2. The Peak Current Adjustment fea-
ture requires that BB_CTRL6.BB_IPK_NOADJ=0, that
BB_CTRL5.BB_IPK_BOOST_ADJ is programmed as rec-
ommended in its register description, and that
ADC_CC_CTRL.ADC_INTERVAL > 0 to enable ADC op-
erations.
EFP01 Energy Friendly PMIC Family Data Sheet
Register Definitions
silabs.com | Building a more connected world.
Rev. 1.3 | 131



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com