Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFP01 Datasheet(PDF) 130 Page - Silicon Laboratories

Part # EFP01
Description  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 Datasheet(HTML) 130 Page - Silicon Laboratories

Back Button EFP01 Datasheet HTML 126Page - Silicon Laboratories EFP01 Datasheet HTML 127Page - Silicon Laboratories EFP01 Datasheet HTML 128Page - Silicon Laboratories EFP01 Datasheet HTML 129Page - Silicon Laboratories EFP01 Datasheet HTML 130Page - Silicon Laboratories EFP01 Datasheet HTML 131Page - Silicon Laboratories EFP01 Datasheet HTML 132Page - Silicon Laboratories EFP01 Datasheet HTML 133Page - Silicon Laboratories EFP01 Datasheet HTML 134Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 158 page
background image
6.2.38 BB_IPK
Offset
Bit Position
0x4F
7
6
5
4
3
2
1
0
Reset
0x00
0x00
Access
Name
Table 6.38. BB_IPK
Bit
Name
Reset
Access
Description
7:5
BB_IPK_EM2
0x00
read-write
Peak Current setting for DCDC A in EM2.
Note that unlike DCDC B, there is only a single Coulomb
counter for DCDC A that is used in both EM0 and EM2
modes. Therefore, if Coulomb counting is used with DCDC
A, BB_IPK_EM2 must be set such that the peak current in
EM2 is the same as the peak current in EM0 to ensure the
charge per pulse is the same in both energy modes.
Roughly equivalent peak currents in EM2 and EM0 can be
achieved by setting BB_IPK_EM2 = ( BB_IPK - 2 ) / 4.
The BB_IPK_EM2 setting is used differently depending on
the operating mode of the DCDC A converter, but the re-
sulting peak currents for all modes are derived from the
following base peak current equation:
IPK_BASE = 0.090A + ( 0.009A * ( (4 * BB_IPK_EM2 ) +
2) )
Although the IPK_BASE equation differs between EM2
and EM0, the equations that govern the resulting peak cur-
rent for each operating mode are the same as documen-
ted in the BB_IPK description.
EFP01 Energy Friendly PMIC Family Data Sheet
Register Definitions
silabs.com | Building a more connected world.
Rev. 1.3 | 130



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com