Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFP01 Datasheet(PDF) 135 Page - Silicon Laboratories

Part # EFP01
Description  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 Datasheet(HTML) 135 Page - Silicon Laboratories

Back Button EFP01 Datasheet HTML 131Page - Silicon Laboratories EFP01 Datasheet HTML 132Page - Silicon Laboratories EFP01 Datasheet HTML 133Page - Silicon Laboratories EFP01 Datasheet HTML 134Page - Silicon Laboratories EFP01 Datasheet HTML 135Page - Silicon Laboratories EFP01 Datasheet HTML 136Page - Silicon Laboratories EFP01 Datasheet HTML 137Page - Silicon Laboratories EFP01 Datasheet HTML 138Page - Silicon Laboratories EFP01 Datasheet HTML 139Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 158 page
background image
6.2.41 BB_CTRL6
Offset
Bit Position
0x52
7
6
5
4
3
2
1
0
Reset
0
0
0x00
0x00
Access
Name
Table 6.41. BB_CTRL6
Bit
Name
Reset
Access
Description
7
BB_IPK_NOADJ
0
read-write
If 0, the boost mode peak current in EM0 is increased as
the battery voltage drops to allow a near constant maxi-
mum output current to be delivered to the load.
If 1, the voltage-dependent adjustment of peak current in
EM0 is disabled.
Peak current adjustment is always disabled in EM2 re-
gardless of this setting.
6
SW_FAST
0
read-write
VOA switch driver uses high speed mode when asserted.
Recommend to set SW_FAST=0, unless the load on
VOA_SW is > 55mA during the switching process. Firm-
ware should wait until VOA_SW_STAT.VOA_SW_ISLOW
has transitioned to 0 before enabling a larger load than
55mA on VOA_SW.
5:2
BB_IRI_CON
0x00
read-write
Controls inrush current for DCDC A by forcing a minimum
time between pulse events (i.e. Tsw, the switching period).
Inrush current limiting may be needed for operation with
batteries that have a large internal impedance and/or limi-
ted output current.
If BB_IRI_CON>0, the minimum switching period (Tsw) is
determined by the following equation:
Tsw (ns) = 300ns * ( 2 * BB_IRI_CON + 1 )
If BB_IRI_CON==0, there is no bound on the switching pe-
riod.
The resulting battery current can be calculated as: (L *
Ipk^2) / (2 * (VDDB - VOA) * Tsw ). To maintain a constant
current limit over the battery voltage range, firmware
should occasionally read the battery voltage and recalcu-
late the BB_IRI_CON value.
EFP01 Energy Friendly PMIC Family Data Sheet
Register Definitions
silabs.com | Building a more connected world.
Rev. 1.3 | 135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com