Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFP01 Datasheet(PDF) 138 Page - Silicon Laboratories

Part # EFP01
Description  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 Datasheet(HTML) 138 Page - Silicon Laboratories

Back Button EFP01 Datasheet HTML 134Page - Silicon Laboratories EFP01 Datasheet HTML 135Page - Silicon Laboratories EFP01 Datasheet HTML 136Page - Silicon Laboratories EFP01 Datasheet HTML 137Page - Silicon Laboratories EFP01 Datasheet HTML 138Page - Silicon Laboratories EFP01 Datasheet HTML 139Page - Silicon Laboratories EFP01 Datasheet HTML 140Page - Silicon Laboratories EFP01 Datasheet HTML 141Page - Silicon Laboratories EFP01 Datasheet HTML 142Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 158 page
background image
6.2.43 LDOC_CTRL
Offset
Bit Position
0x54
7
6
5
4
3
2
1
0
Reset
0
0
0x00
0x00
Access
Name
Table 6.43. LDOC_CTRL
Bit
Name
Reset
Access
Description
7
LDOC_ENA_SA
0
read-write
If set, LDO C is enabled in StandAlone mode, independent
of the DCDC A Buck/Boost converter.
In EM4, this bit is treated as zero, which means LDO C will
be disabled.
Standalone Mode should not be enabled if the DCDC A is
configured for wiredBuckLDO (BB_MODE==5) and the
VOA and VOC outputs are shorted together in hardware. If
LDOC_ENA_SA is set in that configuration, both LDOC C
and DCDC A will attempt to drive the same output, with
the higher voltage winning. This may trip the overvoltage
protection, resulting in unintended current draw.
6
LDOC_BYP
0
read-write
If set, LDO C acts only as a bypass switch (i.e., the input is
shorted to the output).
5:4
LDOC_VMIN
0x00
read-write
Defines voltage at which output current becomes voltage
independent for LDO C. Recommended to set
LDOC_VMIN based on the target VOC voltage as given
below:
LDOC_VMIN=3 for VOC targets >=2.7V
LDOC_VMIN=2 for VOC targets between 2.4V and 2.7V
LDOC_VMIN=1 for VOC targets between 2.0V and 2.4V
LDOC_VMIN=0 for VOC targets < 2.0V
3:0
LDOC_IGAIN
0x00
read-write
Determines the maximum output current supported by
LDO C. Recommend to set to the maximum expected load
current plus some margin.
i_max = VOC / (2.76 * ( 17 - LDOC_IGAIN ) )
EFP01 Energy Friendly PMIC Family Data Sheet
Register Definitions
silabs.com | Building a more connected world.
Rev. 1.3 | 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com