Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFP01 Datasheet(PDF) 141 Page - Silicon Laboratories

Part # EFP01
Description  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 Datasheet(HTML) 141 Page - Silicon Laboratories

Back Button EFP01 Datasheet HTML 137Page - Silicon Laboratories EFP01 Datasheet HTML 138Page - Silicon Laboratories EFP01 Datasheet HTML 139Page - Silicon Laboratories EFP01 Datasheet HTML 140Page - Silicon Laboratories EFP01 Datasheet HTML 141Page - Silicon Laboratories EFP01 Datasheet HTML 142Page - Silicon Laboratories EFP01 Datasheet HTML 143Page - Silicon Laboratories EFP01 Datasheet HTML 144Page - Silicon Laboratories EFP01 Datasheet HTML 145Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 158 page
background image
6.2.46 BK_CTRL1
Offset
Bit Position
0x57
7
6
5
4
3
2
1
0
Reset
0x00
0x00
0x00
Access
Name
Table 6.46. BK_CTRL1
Bit
Name
Reset
Access
Description
7:5
BK_TON_MAX
0x00
read-write
Max Ton is bounded to 70ns * ( 4 * BK_TON_MAX + 1 )
Ton is not bounded if BK_TON_MAX==0
Value
Mode
Description
0
NOLIMIT
1
350NS
2
630NS
3
910NS
4
1190NS
5
1470NS
6
1750NS
7
2030NS
4:3
BK_MODE
0x00
read-write
Sets the mode of the DCDC B converter. Regardless of
this setting, in EM4 the DCDC B converter will be disabled.
Value
Mode
Description
0
DISABLED
Off
1
BUCKONLY
Buck Mode Only
2
LDOONLY
LDOB enabled, Buck Disabled
3
BUCKLDO
Buck or LDOB, depending on DV=VDDB-VOB
2:1
BK_DRVR_SPEED
0x00
read-write
DCDC B pre-driver speed control. Recommend to set to 2
for the highest efficiency, but will also generate the most
EMI. Lower settings can be used to reduce EMI at the ex-
pense of efficiency.
0
RESERVED
0
Reserved. Always write bits to 0.
EFP01 Energy Friendly PMIC Family Data Sheet
Register Definitions
silabs.com | Building a more connected world.
Rev. 1.3 | 141



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com