Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFP01 Datasheet(PDF) 140 Page - Silicon Laboratories

Part # EFP01
Description  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 Datasheet(HTML) 140 Page - Silicon Laboratories

Back Button EFP01 Datasheet HTML 136Page - Silicon Laboratories EFP01 Datasheet HTML 137Page - Silicon Laboratories EFP01 Datasheet HTML 138Page - Silicon Laboratories EFP01 Datasheet HTML 139Page - Silicon Laboratories EFP01 Datasheet HTML 140Page - Silicon Laboratories EFP01 Datasheet HTML 141Page - Silicon Laboratories EFP01 Datasheet HTML 142Page - Silicon Laboratories EFP01 Datasheet HTML 143Page - Silicon Laboratories EFP01 Datasheet HTML 144Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 158 page
background image
6.2.45 BK_CTRL0
Offset
Bit Position
0x56
7
6
5
4
3
2
1
0
Reset
0
0
Access
Name
Table 6.45. BK_CTRL0
Bit
Name
Reset
Access
Description
7:2
RESERVED
0
Reserved. Always write bits to 0.
1
BK_DIS_OV_PROT
0
read-write
If set, disables overvoltage protection on Buck output.
Intended use is when not using EM4, but switching back
and forth between EM0 and EM2 with substantially differ-
ent voltages programmed.
If cleared, each transition to lower voltage (i.e., EM0-
>EM2) would cause VOB to be unnecessarily pulled down.
0
CLAMPB
0
read-write
If asserted and in EM4 mode, a diode-connected NMOS
and 10KOhm pull-down on VOB is enabled. Intended for
use when VOB target is in the range 1V-1.2V and actual
load on VOB is < 3uA at high temperature.
EFP01 Energy Friendly PMIC Family Data Sheet
Register Definitions
silabs.com | Building a more connected world.
Rev. 1.3 | 140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com