Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFP01 Datasheet(PDF) 143 Page - Silicon Laboratories

Part # EFP01
Description  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 Datasheet(HTML) 143 Page - Silicon Laboratories

Back Button EFP01 Datasheet HTML 139Page - Silicon Laboratories EFP01 Datasheet HTML 140Page - Silicon Laboratories EFP01 Datasheet HTML 141Page - Silicon Laboratories EFP01 Datasheet HTML 142Page - Silicon Laboratories EFP01 Datasheet HTML 143Page - Silicon Laboratories EFP01 Datasheet HTML 144Page - Silicon Laboratories EFP01 Datasheet HTML 145Page - Silicon Laboratories EFP01 Datasheet HTML 146Page - Silicon Laboratories EFP01 Datasheet HTML 147Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 158 page
background image
6.2.48 BK_CTRL2
Offset
Bit Position
0x59
7
6
5
4
3
2
1
0
Reset
0x00
0x00
Access
Name
Table 6.48. BK_CTRL2
Bit
Name
Reset
Access
Description
7
RESERVED
0
Reserved. Always write bits to 0.
6:4
BK_LDO_THRESH
0x00
read-write
Sets threshold for switching DCDC B to LDO B,
DV=VDDB-VOB for buck/LDO boundary is:
(DV_rising ? 25mV : 0) +105mV
+87.5mV*BK_LDO_THRESH
3:0
BK_IRI_CON
0x00
read-write
Controls inrush current for DCDC B by forcing a minimum
time between pulse events (i.e. Tsw, the switching period).
Inrush current limiting may be needed for operation with
batteries that have a large internal impedance and/or limi-
ted output current.
If BK_IRI_CON>0, the minimum switching period (Tsw) is
determined by the following equation:
Tsw (ns) = 300ns * ( 2 * BK_IRI_CON + 1 )
If BK_IRI_CON==0, there is no bound on the switching pe-
riod.
The resulting battery current can be calculated as: (L *
Ipk^2) / (2 * (VDDB - VOB) * Tsw ). To maintain a constant
current limit over the battery voltage range, firmware
should occasionally read the battery voltage and recalcu-
late the BK_IRI_CON value.
EFP01 Energy Friendly PMIC Family Data Sheet
Register Definitions
silabs.com | Building a more connected world.
Rev. 1.3 | 143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com