Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFP01 Datasheet(PDF) 146 Page - Silicon Laboratories

Part # EFP01
Description  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 Datasheet(HTML) 146 Page - Silicon Laboratories

Back Button EFP01 Datasheet HTML 142Page - Silicon Laboratories EFP01 Datasheet HTML 143Page - Silicon Laboratories EFP01 Datasheet HTML 144Page - Silicon Laboratories EFP01 Datasheet HTML 145Page - Silicon Laboratories EFP01 Datasheet HTML 146Page - Silicon Laboratories EFP01 Datasheet HTML 147Page - Silicon Laboratories EFP01 Datasheet HTML 148Page - Silicon Laboratories EFP01 Datasheet HTML 149Page - Silicon Laboratories EFP01 Datasheet HTML 150Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 158 page
background image
7. OTP Definitions
7.1 OTP Definition
Note: Some registers will have their default values automatically overwritten by OTP-programmed values out of reset. Therefore, the
actual values of those registers after reset may differ from the default reset values listed in the Register Description table. The table
below shows the expected value of those registers out of reset.
OTP Register Name
OTP Address
Description
OTP_I2C_CTRL
0x00
Contains value loaded into the I2C_CTRL register out of reset
OTP_CC_CTRL
0x01
Contains value loaded into the CC_CTRL register out of reset
OTP_EM_CRSREG_CTRL
0x03
Contains value loaded into the EM_CRSREG_CTRL register out of reset
OTP_VOA_V
0x09
Contains value loaded into the VOA_V register out of reset
OTP_VOC_V
0x0B
Contains value loaded into the VOC_V register out of reset
OTP_VOB_EM0_V
0x0C
Contains value loaded into the VOB_EM0_V register out of reset
OTP_VOB_EM2_V
0x0D
Contains value loaded into the VOB_EM2_V register out of reset
OTP_BIAS_SW
0x0E
Contains value loaded into the BIAS_SW register out of reset
OTP_BB_IPK
0x0F
Contains value loaded into the BB_IPK register out of reset
OTP_BB_CTRL3
0x10
Contains value loaded into the BB_CTRL3 register out of reset
OTP_BB_CTRL5
0x11
Contains value loaded into the BB_CTRL5 register out of reset
OTP_BB_CTRL6
0x12
Contains value loaded into the BB_CTRL6 register out of reset
OTP_LDOB_CTRL
0x13
Contains value loaded into the LDOB_CTRL register out of reset
OTP_LDOC_CTRL
0x14
Contains value loaded into the LDOC_CTRL register out of reset
OTP_LDOC_BB_CTRL
0x15
Contains value loaded into the LDOC_BB_CTRL register out of reset
OTP_BK_CTRL0
0x16
Contains value loaded into the BK_CTRL0 register out of reset
OTP_BK_CTRL1
0x17
Contains value loaded into the BK_CTRL1 register out of reset
OTP_BK_IPK
0x18
Contains value loaded into the BK_IPK register out of reset
OTP_BK_CTRL2
0x19
Contains value loaded into the BK_CTRL2 register out of reset
OTP_ADC_CC_CTRL
0x1C
Contains value loaded into the ADC_CC_CTRL register out of reset
OTP_ADC_LIMITS
0x1D
Contains value loaded into the ADC_LIMITS register out of reset
OTP_UID_LOW
0x20
Lower byte of Device Unique ID
OTP_UID_HIGH
0x21
Upper byte of Device Unique ID
OTP_TEMP_CODE
0x2F
Temperature Grade: 0=Undefined, 1=G (-40 °C to +105 °C), 2=I (-40 °C to +125 °C)
OTP_OPN_NUM
0x30
OPN (4=EFP0104, 8=EFP0108, 11=EFP0111)
OTP_OPN_REV
0x31
OPN definition revision
OTP_CCCAL_LOW
0x33
Coulomb Counter Calibration for CC_LVL=3 load current
OTP_CCCAL_HIGH
0x34
Coulomb Counter Calibration for CC_LVL=7 load current
OTP_OSC10MHZ_CAL
0x35
10MHz Oscillator Calibration Constant
EFP01 Energy Friendly PMIC Family Data Sheet
OTP Definitions
silabs.com | Building a more connected world.
Rev. 1.3 | 146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com