Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFP01 Datasheet(PDF) 149 Page - Silicon Laboratories

Part # EFP01
Description  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 Datasheet(HTML) 149 Page - Silicon Laboratories

Back Button EFP01 Datasheet HTML 145Page - Silicon Laboratories EFP01 Datasheet HTML 146Page - Silicon Laboratories EFP01 Datasheet HTML 147Page - Silicon Laboratories EFP01 Datasheet HTML 148Page - Silicon Laboratories EFP01 Datasheet HTML 149Page - Silicon Laboratories EFP01 Datasheet HTML 150Page - Silicon Laboratories EFP01 Datasheet HTML 151Page - Silicon Laboratories EFP01 Datasheet HTML 152Page - Silicon Laboratories EFP01 Datasheet HTML 153Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 158 page
background image
Pin Name
Pin(s)
Description
Pin Name
Pin(s)
Description
DCDC_GND
9
DCDC Ground. Return path for power-
train switch current.
VOA
10
DCDC A Output
LA2
11
DCDC A Switching Node 2
VOA_SW
12
DCDC A Switched Output
VOC
13
LDO C Output
VIO
14
IO Supply
I2C_SCL
15
I2C Clock
GND
16
Thermal Ground Connection
I2C_SDA
17
I2C Data
IRQn
18
Active Low Interrupt Output
GND
19
Thermal Ground Connection
GND
20
Thermal Ground Connection
GND
21
Paddle. Thermal Ground Connection
EFP01 Energy Friendly PMIC Family Data Sheet
Pin Definitions
silabs.com | Building a more connected world.
Rev. 1.3 | 149



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com