Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFP01 Datasheet(PDF) 151 Page - Silicon Laboratories

Part # EFP01
Description  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 Datasheet(HTML) 151 Page - Silicon Laboratories

Back Button EFP01 Datasheet HTML 147Page - Silicon Laboratories EFP01 Datasheet HTML 148Page - Silicon Laboratories EFP01 Datasheet HTML 149Page - Silicon Laboratories EFP01 Datasheet HTML 150Page - Silicon Laboratories EFP01 Datasheet HTML 151Page - Silicon Laboratories EFP01 Datasheet HTML 152Page - Silicon Laboratories EFP01 Datasheet HTML 153Page - Silicon Laboratories EFP01 Datasheet HTML 154Page - Silicon Laboratories EFP01 Datasheet HTML 155Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 158 page
background image
Table 9.1. QFN20 Package Dimensions
Dimension
Min
Typ
Max
A
0.80
0.85
0.90
A1
0.00
0.02
0.05
A3
0.20 REF
b
0.18
0.25
0.30
c
0.20
0.25
0.30
D
3.00 BSC
D2
1.60
1.70
1.80
e
0.50 BSC
E
3.00 BSC
E2
1.60
1.70
1.80
f
2.45 BSC
K
0.20
—
—
L
0.30
0.40
0.50
R
0.09
—
0.15
aaa
—
—
0.15
bbb
—
—
0.10
ccc
—
—
0.08
ddd
—
—
0.10
eee
—
—
0.10
ggg
—
—
0.05
Note:
1. All dimensions shown are in millimeters (mm) unless otherwise noted.
2. Dimensioning and Tolerancing per ANSI Y14.5M-1994.
EFP01 Energy Friendly PMIC Family Data Sheet
QFN20 Package Specifications
silabs.com | Building a more connected world.
Rev. 1.3 | 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com