Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFP01 Datasheet(PDF) 155 Page - Silicon Laboratories

Part # EFP01
Description  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 Datasheet(HTML) 155 Page - Silicon Laboratories

Back Button EFP01 Datasheet HTML 150Page - Silicon Laboratories EFP01 Datasheet HTML 151Page - Silicon Laboratories EFP01 Datasheet HTML 152Page - Silicon Laboratories EFP01 Datasheet HTML 153Page - Silicon Laboratories EFP01 Datasheet HTML 154Page - Silicon Laboratories EFP01 Datasheet HTML 155Page - Silicon Laboratories EFP01 Datasheet HTML 156Page - Silicon Laboratories EFP01 Datasheet HTML 157Page - Silicon Laboratories EFP01 Datasheet HTML 158Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 155 / 158 page
background image
10. Revision History
Revision 1.3
July, 2021
• Updated all OPNs to Rev E in Table 2.1 Ordering Information on page 3
• Added EFP0101, EFP0102, EFP0103, EFP0106 OPNs to the following sections:
• 1. Feature List
• Table 2.1 Ordering Information on page 3
• 5.1.3.3 EFP0101 / EFP0102
• 5.1.3.4 EFP0103 / EFP0104
• 5.1.3.5 EFP0106 / EFP0107
• Table 3.2 DCDC A Configuration and Modes Summary on page 9
• 3.2.4 Coarse Regulators
• 7.2 OTP Defaults
• Updated 6.2.6 DEVREV_ID register definitions for Rev E
• Added footnote clarifying that on EFP0109/11 OPNs, the VOB converter won't begin to start until the VOA converter has reached
regulation
• Corrected maximum input voltage from 5.5V to 3.6V for the Figure 4.5 Wired Boost Configuration on page 34 diagram
Revision 1.2
March, 2021
• Corrected Top Mark Line 1 of EFP0110GM20-D and EFP0111GM20-D in Table 2.1 Ordering Information on page 3
• Added EFP0107 OPN to the following sections:
• 1. Feature List
• Table 2.1 Ordering Information on page 3
• 5.1.3.5 EFP0106 / EFP0107
• Table 3.2 DCDC A Configuration and Modes Summary on page 9
• 7.2 OTP Defaults
• Combined EFP0109 and EFP0110 Electrical Specification tables into single table 5.1.3.7 EFP0109 / EFP0110.
• Corrected out-of-reset default voltages in Table 3.1 OPN-Specific Features on page 8 and Table 2.1 Ordering Information on page
3.
• Corrected EM2 Maximum Output Current value in Table 3.8 Energy Modes Overview on page 22.
• VOB output programmable voltage maximum changed from 1.255V to 1.26V.
• EFP0111 VOA output programmable voltage maximum changed from 5.2V to 5.22V.
• Added absolute maximum voltage for EFP01 outputs pins to 5.1.1 Absolute Maximum Ratings.
• Added I2C timing in ● I2C Timing Specification.
• Added default voltage at startup and LDO dropout voltage to VOA, VOB, and VOC specification tables.
• Added note about the expected VOA shutdown behavior on devices configured for Boost Mode to 3.8.2 Shutdown Behavior.
• Added footnote to VOA, VOB, and VOC specification tables clarifying that for converters enabled by default, the total startup time is
the sum of the TSTART and TBOOT times.
• Added footnote to VOB and VOC specification tables for EFP0108 and EFP0111 clarifying that VOB and VOC maximum output volt-
age is limited by the VOA voltage in these configurations.
• Added 3.2.1.7 NTM Buck/Boost Transitional Mode section for Buck/Boost operation.
• Added 3.2.1.10 Low Voltage Charge Pump section.
• Added Wired Buck to Typical Connection Diagrams.
• Added Buck/Boost typical efficiency plots.
EFP01 Energy Friendly PMIC Family Data Sheet
Revision History
silabs.com | Building a more connected world.
Rev. 1.3 | 155



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com