Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFP01 Datasheet(PDF) 156 Page - Silicon Laboratories

Part # EFP01
Description  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 Datasheet(HTML) 156 Page - Silicon Laboratories

Back Button EFP01 Datasheet HTML 150Page - Silicon Laboratories EFP01 Datasheet HTML 151Page - Silicon Laboratories EFP01 Datasheet HTML 152Page - Silicon Laboratories EFP01 Datasheet HTML 153Page - Silicon Laboratories EFP01 Datasheet HTML 154Page - Silicon Laboratories EFP01 Datasheet HTML 155Page - Silicon Laboratories EFP01 Datasheet HTML 156Page - Silicon Laboratories EFP01 Datasheet HTML 157Page - Silicon Laboratories EFP01 Datasheet HTML 158Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 156 / 158 page
background image
Revision 1.1
October, 2020
• Added EFP0110 OPN to the following sections:
• 1. Feature List
• Table 3.1 OPN-Specific Features on page 8
• Table 2.1 Ordering Information on page 3
• 5.1.3.7 EFP0109 / EFP0110
• Table 3.2 DCDC A Configuration and Modes Summary on page 9
• 3.2.4 Coarse Regulators
• 7.2 OTP Defaults
• In Table 5.8 EFP0104 VOA/VOC Electrical Specs on page 50:
• Corrected Output programmable voltage range maximum value from 5.2V to 3.3V.
• Corrected Output voltage accuracy conditions from 1.8V ≤ VOA ≤ 5.0V to 1.8V ≤ VOA ≤ 3.3V.
• Removed Wired Buck Configuration from 4.1 Device Configurations and Table 3.2 DCDC A Configuration and Modes Summary on
page 9.
• Corrected all OPNs in Table 3.2 DCDC A Configuration and Modes Summary on page 9 and 2. Ordering Information.
• Corrected valid OTP_TEMP_CODE and OTP_OPN_NUM enumerations in 7.1 OTP Definition.
• Corrected EFP0109 Input Voltage Range in Table 2.1 Ordering Information on page 3.
• In Figure 4.6 Boost Bootstrap Configuration on page 35, corrected VOB output capacitor from 2.2µF to 10µF, added note about VOA
capacitor value, added notes on VOC Output capacitors.
• In 4.1.5 Wired Boost Configuration (EFP0109 & EFP0110), added clarification of VOB output capacitor size and added notes on
VOC Output capacitors.
• In 4.1.4 Single-Cell Boost Configuration (EFP0108) and 4.1.3 Buck/Boost Configuration (EFP0106 & EFP0107) , added notes on
VOC Output capacitors.
• Added VOB = 1.8V Output Voltage Accuracy Specs for the EFP0109 VOB output.
• In all VOB and VOC Electrical Specification tables, clarified footnote indicating that when VDDB was powered by VOA (EFP0108
and EFP0111), the DCDC B and LDO C output current is also limited by the VOA output current.
• Added dislaimer clarifying that Maximum Output Current formulas are not a guarantee of performance to the DCDC A Peak Current
Configuration, DCDC B Peak Current Configuration, and LDO Maximum Output Current sections.
• In 5.1.3.8 EFP0111 Electrical Specifications, corrected Maximum output current footnote test current (1.25mA instead of 5mA) and
added details on how to interpret this specification for Boost Bootstrap.
• Added note to 3.3.4 EM4 section that dedicated EM4 hardware support was available for EFP01 starting on EFR32xG22 devices.
• Clarified recommended reset mechanisms and hazards in 3.5.1 OTP section and 6.2.11 CMD register description.
Revision 1.0
June, 2020
• Corrected typical single-output enabled quiescent current on front page.
• Corrected EFP0109GM20 max input voltage range in Table 3.1 OPN-Specific Features on page 8.
• Corrected DCDC A Max Output Current Equations in 3.2.1.2 Peak Current Configuration.
• Corrected LDO Max Output Current Equation 3.2.3.3 Maximum Output Current.
• Added section explaining Ton_max limiting use in boost mode ● Boost Mode TON_MAX on page 15.
• Added notes clarifying that Direct Mode is intended for use-cases where EFP01 is the only device on the I2C bus to the I2C
3.6.1 Inter-Integrated Circuit Interface (I2C) and Direct Mode 3.3.1.2 Direct Mode Control sections.
• Added note pointing to the AN1188: EFP01 Coulomb Counter app note in 3.4.1 Coulomb Counter.
• Updated link to Silicon Labs Quality webpage 5.1.1 Absolute Maximum Ratings.
• Updated values in Electrical Specifications:
• Added Max On-Resistance values
• Added typical ADC voltage and temperature accuracy specifications
• Added Max Output Load Current minimum values to the VOA, VOB, VOC Electrical Spec tables, along with updated conditions
• Updated Typ Line/Load Regulation values
• Updated VOC output startup time value
• Documented issues with use of the CMD.RESET bit in the 6.1 Register Map
EFP01 Energy Friendly PMIC Family Data Sheet
Revision History
silabs.com | Building a more connected world.
Rev. 1.3 | 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com