Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFP01 Datasheet(PDF) 139 Page - Silicon Laboratories

Part # EFP01
Description  EFP01 Energy Friendly PMIC Family
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFP01 Datasheet(HTML) 139 Page - Silicon Laboratories

Back Button EFP01 Datasheet HTML 135Page - Silicon Laboratories EFP01 Datasheet HTML 136Page - Silicon Laboratories EFP01 Datasheet HTML 137Page - Silicon Laboratories EFP01 Datasheet HTML 138Page - Silicon Laboratories EFP01 Datasheet HTML 139Page - Silicon Laboratories EFP01 Datasheet HTML 140Page - Silicon Laboratories EFP01 Datasheet HTML 141Page - Silicon Laboratories EFP01 Datasheet HTML 142Page - Silicon Laboratories EFP01 Datasheet HTML 143Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 158 page
background image
6.2.44 LDOC_BB_CTRL
Offset
Bit Position
0x55
7
6
5
4
3
2
1
0
Reset
0
0x00
0x00
Access
Name
Table 6.44. LDOC_BB_CTRL
Bit
Name
Reset
Access
Description
7
SEQ_BB_FIRST
0
read-write
For Bootstrap modes (i.e., modes where the VDDB is sup-
plied from VOA output), setting this bit delays the enabling
of the DCDC B Buck converter and/or LDO C (in stand
alone) until after VOA has reached regulation.
6:4
BB_TON_MAX
0x00
read-write
Max Ton is bounded to 70ns*(4*BB_TON_MAX+1)
No bound if BB_TON_MAX==0
Value
Mode
Description
0
NOLIMIT
1
350NS
2
630NS
3
910NS
4
1190NS
5
1470NS
6
1750NS
7
2030NS
3:0
VOC_IRI_CON
0x00
read-write
Controls inrush current for LDO C by forcing a minimum
time between pulse events (i.e. Tsw, the switching period).
Inrush current limiting may be needed for operation with
batteries that have a large internal impedance and/or limi-
ted output current.
If VOC_IRI_CON>0, the minimum switching period (Tsw)
is determined by the following equation:
Tsw (ns) = 300ns * ( 2 * VOC_IRI_CON + 1 )
If VOC_IRI_CON==0, there is no bound on the switching
period.
EFP01 Energy Friendly PMIC Family Data Sheet
Register Definitions
silabs.com | Building a more connected world.
Rev. 1.3 | 139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com