Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705JB2 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # 68HC705JB2
Description  Industry standard M68HC05 CPU core
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705JB2 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button 68HC705JB2 Datasheet HTML 30Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 31Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 32Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 33Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 34Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 35Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 36Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 37Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 128 page
background image
GENERAL RELEASE SPECIFICATION
August 28, 1998
INTERRUPTS
MC68HC705JB2
4-4
REV 1.1
4.3
SOFTWARE INTERRUPT (SWI)
The SWI is an executable instruction and a non-maskable interrupt since it is
executed regardless of the state of the I-bit in the CCR. As with any instruction,
interrupts pending during the previous instruction will be serviced before the SWI
opcode is fetched. The interrupt service routine address is specified by the
contents of memory locations $1FFC and $1FFD.
4.4
HARDWARE INTERRUPTS
All hardware interrupts except RESET are maskable by the I-bit in the CCR. If the
I-bit is set, all hardware interrupts (internal and external) are disabled. Clearing
the I-bit enables the hardware interrupts. There are two types of hardware
interrupts which are explained in the following sections.
4.4.1 External Interrupt (IRQ)
The IRQ pin provides an asynchronous interrupt to the CPU. A block diagram of
the IRQ function is shown in Figure 4-2.
Figure 4-2. External Interrupt (IRQ) Logic
IRQ
IRQ
LATCH
VDD
RST
IRQ VECTOR FETCH
IRQ STATUS/CONTROL REGISTER
EXTERNAL
INTERRUPT
REQUEST
INTERNAL DATA BUS
TO BIH & BIL
INSTRUCTION
PROCESSING
R
IRQ Level
(Mask Option)
PA0
PA1
PA2
PA3
Port A External Interrupt
(Mask Option)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com