Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705JB2 Datasheet(PDF) 56 Page - NXP Semiconductors

Part # 68HC705JB2
Description  Industry standard M68HC05 CPU core
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705JB2 Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button 68HC705JB2 Datasheet HTML 52Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 53Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 54Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 55Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 56Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 57Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 58Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 59Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 128 page
background image
GENERAL RELEASE SPECIFICATION
August 28, 1998
MULTI-FUNCTION TIMER
MC68HC705JB2
8-2
REV 1.1
function is implemented on the last stage of this counter, giving a possible
interrupt at the rate of fop/1024. Two additional stages produce the POR function
at fop/4064. The Timer Counter Bypass circuitry (available only in Expanded Test
Mode) is at this point in the timer chain. This circuit is followed by two more
stages, with the resulting clock (fop/16384) driving the Real Time Interrupt circuit.
The RTI circuit consists of three divider stages with a 1 of 4 selector. The RTI rate
selector bits, and the RTI and TOF enable bits and flags are located in the Timer
Control and Status Register at location $08.
The Real Time Interrupt circuit consists of a three stage divider and a 1 of 4
selector. The clock frequency that drives the RTI circuit is fop/2
14 (or f
op/16384)
with three additional divider stages giving a maximum interrupt period of fop/2
17
(or fop/131072).
The power-on cycle clears the entire counter chain and begins clocking the
counter. After 128 or 4064 cycles, the power-on reset circuit is released which
again clears the counter chain and allows the device to come out of reset. At this
point, if RESET is not asserted, the timer will start counting up from zero and
normal device operation will begin. If RESET is asserted at any time during
operation the counter chain will be cleared.
8.1
TIMER REGISTERS
The 15-stage Multi-function Timer contains two registers: a Timer Counter
Register and a Timer Control/Status Register.
8.1.1 Timer Counter Register (TCNT) $09
The Timer Counter Register is a read-only register which contains the current
value of the 8-bit ripple counter at the beginning of the timer chain. This counter is
clocked at fop divided by 4 and can be used for various functions including a
software input capture. Extended time periods can be attained using the TOF
function to increment a temporary RAM storage location thereby simulating a 16-
bit (or more) counter. The value of each bit of the TCNT is shown in Figure 8-2.
This register is cleared by reset.
Figure 8-2. Timer Counter Register
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
TCNT
R
TMR7
TMR6
TMR5
TMR4
TMR3
TMR2
TMR1
TMR0
$0009
W
reset:
00000000
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com