Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705JB2 Datasheet(PDF) 78 Page - NXP Semiconductors

Part # 68HC705JB2
Description  Industry standard M68HC05 CPU core
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705JB2 Datasheet(HTML) 78 Page - NXP Semiconductors

Back Button 68HC705JB2 Datasheet HTML 74Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 75Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 76Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 77Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 78Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 79Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 80Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 81Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 82Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 128 page
background image
GENERAL RELEASE SPECIFICATION
August 28, 1998
UNIVERSAL SERIAL BUS MODULE
MC68HC705JB2
10-10
REV 1.1
10.2.4.2 USB Reset Signalling
Reset can wake a device from the suspended mode. A device may take up to 10
ms to wake up from the suspended state.
10.2.4.3 Remote Wake-up
The MC68HC705JB2 also supports the remote wake-up feature. The firmware
has the ability to exit suspend mode by signaling a resume state to the upstream
Host or Hub. A non-idle state (“K” state) on the USB data lines is accomplished by
asserting the FRESUM bit in the UCR1 register.
When using the remote wake-up capability, the firmware must wait for at least 5
ms after the bus is in the idle state before sending the remote wake-up resume
signaling. This allows the upstream devices to get into their suspend state and
prepare for propagating resume signaling. The FRESUM bit should be asserted to
cause the resume state on the USB data lines for at least 10ms, but not more than
15ms. Note that the resume signalling is controlled by the FRESUM bit and
meeting the timing specifications is dependent on the firmware. When FRESUM is
cleared by firmware, the data lines will return to their high impedance state. Refer
to Section 10.5.5 for more information about how the Force Resume (FRESUM)
bit can be used to initiate the remote wake-up feature.
10.2.5 Low Speed Device
Externally, low speed devices are configured by the position of a pull-up resistor
on the USB D- pin of the MC68HC705JB2. Low speed devices are terminated as
shown in Figure 10-10 with the pull-up on the D- line.
Figure 10-10. External Low Speed Device Configuration
For low speed transmissions, the transmitter’s EOP width must be between
1.25
µs and 1.50µs. These ranges include timing variations due to differential
buffer delay and rise/fall time mismatches and to noise and other random effects.
A low speed receiver must accept a 670 ns wide SE0 followed by a J transition as
a valid EOP. An SE0 narrower than 330 ns or an SE0 not followed by a J transition
must be rejected as an EOP. An EOP between 330ns and 670ns may be rejected
or accepted as above. Any SE0 that is 2.5
µs or wider is automatically a reset.
68HC705JB2
1.5K
Ω
D+
D–
3.3V Regulator Out
USB Low Speed Cable
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com