Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705JB2 Datasheet(PDF) 66 Page - NXP Semiconductors

Part # 68HC705JB2
Description  Industry standard M68HC05 CPU core
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

68HC705JB2 Datasheet(HTML) 66 Page - NXP Semiconductors

Back Button 68HC705JB2 Datasheet HTML 62Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 63Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 64Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 65Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 66Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 67Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 68Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 69Page - NXP Semiconductors 68HC705JB2 Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 128 page
background image
GENERAL RELEASE SPECIFICATION
August 28, 1998
PROGRAMMABLE TIMER
MC68HC705JB2
9-8
REV 1.1
1.
Disable interrupts by setting the I bit in the condition code register.
2.
Write to the OCRH. Compares are now inhibited until OCRL is written.
3.
Read the TSR to arm the OCF for clearing.
4.
Enable the output compare registers by writing to the OCRL. This also
clears the OCF flag bit in the TSR.
5.
Enable interrupts by clearing the I bit in the condition code register.
A software example of this procedure is shown below.
9.5
TIMER CONTROL REGISTER (TCR)
The timer control register is shown in Figure 9-10 performs the following
functions:
•
Enables input capture interrupts
•
Enables output compare interrupts
•
Enables timer overflow interrupts
•
Control the active edge polarity of the TCAP signal on pin PB0/TCAP
Reset clears all the bits in the TCR with the exception of the IEDG bit which is
unaffected.
ICIE - INPUT CAPTURE INTERRUPT ENABLE
This read/write bit enables interrupts caused by an active signal on the PB0/
TCAP pin. Reset clears the ICIE bit.
1 =
Input capture interrupts enabled.
0 =
Input capture interrupts disabled.
9B
...
...
B7
B6
BF
...
...
9A
16
13
17
SEI
...
...
STA
LDA
STX
...
...
CLI
OCRH
TSR
OCRL
DISABLE INTERRUPTS
.....
.....
INHIBIT OUTPUT COMPARE
ARM OCF FLAG FOR CLEARING
READY FOR NEXT COMPARE, OCF CLEARED
.....
.....
ENABLE INTERRUPTS
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
TCR
R
ICIE
OCIE
TOIE
000
IEDG
0
$0012
W
reset:
000000
Unaffected
0
Figure 9-10. Timer Control Register (TCR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com