Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705V8GRS/D Datasheet(PDF) 150 Page - NXP Semiconductors

Part # HC705V8GRS/D
Description  The Motorola MC68HC705V8 microcontroller is a custom HC05 based MCU featuring a Message Data Link Controller (MDLC) module and on-chip power regulation.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705V8GRS/D Datasheet(HTML) 150 Page - NXP Semiconductors

Back Button HC705V8GRS/D Datasheet HTML 146Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 147Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 148Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 149Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 150Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 151Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 152Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 153Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 154Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 172 page
background image
SECTION 16: INSTRUCTION SET
Page 139
MC68HC705V8 Specification Rev. 2.1
of the bit tested is also placed in the carry bit of the condition code register. The bit set and
bit clear instructions are also read-modify-write instructions and should not be used to
manipulate write-only locations. Refer to the following list for bit manipulation instructions.
16.5
CONTROL INSTRUCTIONS
These instructions are register reference instructions and are used to control processor
operation during program execution. Refer to the following list for control instructions.
16.6
ADDRESSING MODES
The MCU uses ten different addressing modes to provide the programmer with an
opportunity to optimize the code for all situations. The various indexed addressing modes
make it possible to locate data tables, code conversion tables, and scaling tables anywhere
in the memory space. Short indexed accesses are single byte instructions; the longest
instructions (3 bytes) permit accessing tables throughout memory. Short and long absolute
addressing is also included. One- or 2-byte direct addressing instructions access all data
bytes in most applications. Extended addressing permits jump instructions to reach all
memory.
The term “effective address” (EA) is used in describing the various addressing modes.
Effective address is defined as the address from which the argument for an instruction is
fetched or stored.
Function
Set Bit n
Clear Bit n
Mnemonic
BSET n (n = 0. . .7)
BCLR n (n = 0. . .7)
Branch if Bit n is Set
Branch if bit n is Clear
BRSET n (n = 0. . .7)
BRCLR n (n = 0. . .7)
Function
Transfer A to X
Transfer X to A
Set Carry Bit
Clear Carry Bit
Mnemonic
TAX
TXA
SEC
CLC
Set Interrupt Mask Bit
SEI
Clear Interrupt Mask Bit
CLI
Software Interrupt
SWI
Return from Subroutine
RTS
Return from Interrupt
RTI
Reset Stack Pointer
RSP
No-Operation
NOP
Wait
WAIT
Stop
STOP
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com