| Electronic Components Datasheet Search |
|
HC705V8GRS/D Datasheet(PDF) 100 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705V8GRS/D Datasheet(HTML) 100 Page - NXP Semiconductors |
|
100 / 172 page ![]() SECTION 14: SERIAL PERIPHERAL INTERFACE Page 89 MC68HC705V8 Specification Rev. 2.1 SECTION 14 SERIAL PERIPHERAL INTERFACE The Serial Peripheral Interface (SPI) is an interface which allows several MC68HC05 MCUs, or MC68HC05 MCU plus peripheral devices, to be interconnected within a single printed circuit board. In an SPI, separate wires are required for data and clock. In the SPI format, the clock is not included in the data stream and must be furnished as a separate signal. An SPI system may be configured in one containing one master MCU and several slave MCUs, or in a system in which an MCU is capable of being a master or a slave. Features include: • Full duplex, three-wire synchronous transfers • Master or slave operation • Internal MCU clock divided by 2 (maximum) master bit frequency • Internal MCU clock (maximum) slave bit frequency • Four programmable master bit rates • Programmable clock polarity and phase • End of transmission interrupt flag • Write collision flag protection • Master-Master mode fault protection capability 14.1 SPI SIGNAL DESCRIPTION The four basic signals (MOSI, MISO, SCK, SS) are described in the following paragraphs. Each signal function is described for both the master and slave mode. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |