Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC705V8GRS/D Datasheet(PDF) 20 Page - NXP Semiconductors

Part # HC705V8GRS/D
Description  The Motorola MC68HC705V8 microcontroller is a custom HC05 based MCU featuring a Message Data Link Controller (MDLC) module and on-chip power regulation.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705V8GRS/D Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button HC705V8GRS/D Datasheet HTML 16Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 17Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 18Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 19Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 20Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 21Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 22Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 23Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 172 page
background image
SECTION 1: GENERAL DESCRIPTION
Page 9
MC68HC705V8 Specification Rev. 2.1
1.5
FUNCTIONAL PIN DESCRIPTION
The following paragraphs give a description of the general function of each pin.
1.5.1
VBATT/VPP
Power is supplied to the device through the VBATT pin. The on-chip voltage regulator uses
this voltage to derive the internal VDD supply for the MCU. The VBATT pin is also used to
power the MDLC and should still be connected even when the Voltage Regulator is not
used. This pin is also used to provide the programming voltage for the EPROM array. See
SECTION 3 EPROM AND EEPROM for more details on EPROM programming.
See SECTION 7 POWER SUPPLY AND REGULATION.
1.5.2
VDD AND VSS
These pins are provided to allow the internally generated VDD supply to be externally
decoupled. The short rise and fall times of the MCU supply current transients place very
high short-duration current demands on the internal power supply. To prevent noise
problems, special care should be taken to provide good power supply bypassing at the
MCU by using bypass capacitors with good high-frequency characteristics that are
positioned as close to the MCU supply pins as possible. Two sets of VDD and VSS pins are
required to maintain on-chip supply noise to within acceptable limits. Each supply pin pair
will require its own decoupling capacitor. See SECTION 7
POWER SUPPLY AND
REGULATION.
1.5.3
VSSA1
VSSA1 is a separate ground pad which provides a ground return for the A/D subsystem. To
prevent digital noise contamination, this pin should be connected directly to a low
impedance ground reference point.
1.5.4
VSSA2
VSSA2 is a separate ground pad that provides a ground return for the MDLC analog
subsystem. To prevent digital noise contamination, this pin should be connected directly to
a low impedance ground reference point.
1.5.5
VCCA
VCCA is a separate supply pin providing power to the analog subsystems of the MDLC and
A/D converter. This pin must be connected to the VDD pin externally. To prevent
contamination from the digital supply, this pin should be adequately decoupled to a low
impedance ground reference. See SECTION 7 POWER SUPPLY AND REGULATION.
1.5.6
VREFH AND VREFL
VREFH is the positive (high) reference voltage for the A/D subsystem. VREFL is the negative
(low) reference voltage for the A/D subsystem. VREFH and VREFL should be isolated from
the digital supplies to prevent any loss of accuracy from the A/D converter.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com