Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC805K3GRS/D Datasheet(PDF) 32 Page - NXP Semiconductors

Part # HC805K3GRS/D
Description  The low-cost MC68HC805K3 microcontroller is a member of the M68HC805 Family of microprocessors.
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC805K3GRS/D Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button HC805K3GRS/D Datasheet HTML 28Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 29Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 30Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 31Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 32Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 33Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 34Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 35Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 119 page
background image
General Release Specification
Random-Access Memory (RAM)
MC68HC805K3 — Rev. 1.0
32
Memory Map
2.4 Random-Access Memory (RAM)
The total RAM consists of 64 bytes (including the stack) at locations
$00C0 through $00FF. The stack pointer can access 32 locations from
$00E0 to $00FF. The stack begins at address $00FF and proceeds
down to $00E0. Using the stack area for data storage or temporary work
locations requires care to prevent it from being overwritten due to
stacking from an interrupt or subroutine call.
2.5 User Electronically Erasable Programmable Read-Only Memory
A total of 928 bytes of user EEPROM is on chip. This includes 160 bytes
in page zero from locations $0020 through $00BF, 760 bytes of user
EEPROM with locations $0100 through $03F7 for user program storage,
and 8 bytes for user vectors at locations $03F8 through $03FF.
2.6 Mask Option Registers (MOR) $0012 and $0013
The mask option registers consist of 10 EEPROM bits located at $0012
and $0013. These registers hold the option bits for the interrupt
sensitivity, COP enable/disable, enable pulldowns/interrupt on port A
and port B, interrupts via the lower four bits of port A, STOP instruction
as HALT, oscillator type, and security. When in the erased state, the
EEPROM cells will read as logic zeros. These registers are refreshed at
a rate of 1 ms (typical) using an internal ring oscillator. During STOP and
MOR programming, the MOR1 and MOR2 will not be refreshed.
$0012
Bit 7
654321
Bit 0
Read:
RCSTD
PIN3
RC
HALT
SWPDI
PIRQ
LEVIRQ
COPEN
Write:
$0013
Bit 7
654321
Bit 0
Read:
SBIT1
SBIT0
Write:
= Unimplemented
Figure 2-5. Mask Option Register
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com