Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC805K3GRS/D Datasheet(PDF) 86 Page - NXP Semiconductors

Part # HC805K3GRS/D
Description  The low-cost MC68HC805K3 microcontroller is a member of the M68HC805 Family of microprocessors.
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC805K3GRS/D Datasheet(HTML) 86 Page - NXP Semiconductors

Back Button HC805K3GRS/D Datasheet HTML 82Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 83Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 84Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 85Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 86Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 87Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 88Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 89Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 90Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 119 page
background image
General Release Specification
PEEPROM Programming
MC68HC805K3 — Rev. 1.0
86
Personality EEPROM
9.4 PEEPROM Programming
The PEEPROM can be programmed using a Motorola programmer or in
the user application if the VDD supply source is at least 3.0 Vdc. In the
latter case, the programming software must be provided in the user
EEPROM and use some external pins in either a serial or parallel
method for data transfer and/or access. Each bit of the PEEPROM can
be programmed as follows:
1. Write the desired bit location to be programmed into the PEBSR
located at $000E.
2. Set the PEPGM and CPEN bits in the PESCR located at $000F.
3. Wait for a tEPGM time delay.
4. Clear the PEPGM and CPEN bits.
The PEEPROM is then ready to be set up for another bit of data for
programming.
The programming of a PEEPROM bit only requires access of that bit
through the PEBSR followed by setting the PEPGM and CPEN bits in
the PESCR. Do not access any bits that are to be left unprogrammed
(erased) until all the PEPGM, PEBYTE, PEBULK, and CPEN bits in the
PESCR are cleared. Always clear the PEPGM, PEBYTE, PEBULK, and
CPEN bits before altering the PEBSR register.
9.5 PEEPROM Read Access
The contents of the PEEPROM are read by the following sequence:
1. Write the desired bit location to be read into the PEBSR located at
$000E.
2. Read the state of the PEDATA bit in the PESCR located at $000F.
3. Store the state of the PEDATA bit into RAM or a register.
4. Select another bit by changing the PEBSR.
5. Continue reading and storing the PEDATA bit states until all the
required PEEPROM data has been accessed.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com