Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAC1941T-1E/4MX. Datasheet(PDF) 80 Page - Microchip Technology

Part # PAC1941T-1E/4MX.
Description  Single/Multi-Channel Power Monitor with Accumulator, 9V Full-Scale Range
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1941T-1E/4MX. Datasheet(HTML) 80 Page - Microchip Technology

Back Button PAC1941T-1E/4MX. Datasheet HTML 76Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 77Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 78Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 79Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 80Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 81Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 82Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 83Page - Microchip Technology PAC1941T-1E/4MX. Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 96 page
background image
PAC194X
DS20006543A-page 80
 2021 Microchip Technology Inc.
REGISTER 7-36:
ACCUM CONFIG LAT (4BH) REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
ACC1_CONFIG[1:0]
ACC2_CONFIG[1:0]
ACC3_CONFIG[1:0]
ACC4_CONFIG[1:0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
This register contains an image of Register 7-19. The bits in this register reflect the value of these settings that were
active before the most recent REFRESH command (including REFRESH_V and/of REFRESH_G). The values in
register 25h may be programmed but not activated by one of the REFRESH commands and the values in register
4Ah are currently active. This register allows software to determine the actual setting that was active prior to the most
recent REFRESH command and, therefore, corresponds to the dataset that is held in the readable registers. This
register is valid when the results registers are valid, 1 ms after a REFRESH/_V/_G command.
bit 7-6
ACC1_CONFIG[1:0]: Configure the accumulator for Channel 1 to accumulate VPOWER (default),
VSENSE or VBUS.
00 = Channel 1 Accumulator accumulates VPOWER
01 = Channel 1 Accumulator accumulates VSENSE
10 = Channel 1 Accumulator accumulates VBUS
11 = Reserved, read as ‘0’.
bit 5-4
ACC2_CONFIG[1:0]: Configure the accumulator for Channel 2 to accumulate VPOWER (default),
VSENSE or VBUS.
00 = Channel 2 Accumulator accumulates VPOWER
01 = Channel 2 Accumulator accumulates VSENSE
10 = Channel 2 Accumulator accumulates VBUS
11 = Reserved, read as ‘0’.
bit 3-2
ACC3_CONFIG[1:0]: Configure the accumulator for Channel 3 to accumulate VPOWER (default),
VSENSE or VBUS.
00 = Channel 3 Accumulator accumulates VPOWER
01 = Channel 3 Accumulator accumulates VSENSE
10 = Channel 3 Accumulator accumulates VBUS
11 = Reserved, read as ‘0’.
bit 1-0
ACC4_CONFIG[1:0]: Configure the accumulator for Channel 4 to accumulate VPOWER (default),
VSENSE or VBUS.
00 = Channel 4 Accumulator accumulates VPOWER
01 = Channel 4 Accumulator accumulates VSENSE
10 = Channel 4 Accumulator accumulates VBUS
11 = Reserved, read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com