Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82P33741 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # 82P33741
Description  Port Synchronizer for IEEE 1588 and 10G/ 40G/ 100G Synchronous Ethernet
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

82P33741 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button 82P33741 Datasheet HTML 35Page - Renesas Technology Corp 82P33741 Datasheet HTML 36Page - Renesas Technology Corp 82P33741 Datasheet HTML 37Page - Renesas Technology Corp 82P33741 Datasheet HTML 38Page - Renesas Technology Corp 82P33741 Datasheet HTML 39Page - Renesas Technology Corp 82P33741 Datasheet HTML 40Page - Renesas Technology Corp 82P33741 Datasheet HTML 41Page - Renesas Technology Corp 82P33741 Datasheet HTML 42Page - Renesas Technology Corp 82P33741 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 59 page
background image
39
©2017 Integrated Device Technology, Inc.
September 15, 2017
82P33741 Datasheet
8.3.3
LVDS INPUT / OUTPUT PORT
8.3.3.1
LVDS INPUT PORT
Figure 22. Recommended LVDS Input Port Line Termination
Table 23: LVPECL Output Port Electrical Characteristics
Parameter
Description
Min
Typ
Max
Unit
Test Condition
VOH
Output High Voltage; NOTE 1
VCCO – 1.3
VCCO – 0.7
V
VOL
Output Low Voltage; NOTE 1
VCCO – 2.0
VCCO – 1.5
V
VSWING
Peak-to-Peak Output Voltage Swing
0.6
1.0
V
tRISE/tFALL
Output Rise/Fall time
80
400
ps
20% to 80%
NOTE 1: Outputs terminated with 50
 to V
CCO – 2V
IN_POS
IN_NEG
50
(transmission line)
100
1 PPS
to
650 MHz
50
(transmission line)
Table 24: LVDS Input Port Electrical Characteristics
Parameter
Description
Min
Typ
Max
Unit
Test Condition
VCM
Input Common-mode Voltage Range
200
1200
2200
mV
VDIFF
Input Peak Differential Voltage
100
350
900
mV
VIDTH
Input Differential Threshold
-100
100
mV
RTERM
External Differential Termination Impedance
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com