Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82P33741 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 82P33741
Description  Port Synchronizer for IEEE 1588 and 10G/ 40G/ 100G Synchronous Ethernet
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

82P33741 Datasheet(HTML) 2 Page - Renesas Technology Corp

  82P33741 Datasheet HTML 1Page - Renesas Technology Corp 82P33741 Datasheet HTML 2Page - Renesas Technology Corp 82P33741 Datasheet HTML 3Page - Renesas Technology Corp 82P33741 Datasheet HTML 4Page - Renesas Technology Corp 82P33741 Datasheet HTML 5Page - Renesas Technology Corp 82P33741 Datasheet HTML 6Page - Renesas Technology Corp 82P33741 Datasheet HTML 7Page - Renesas Technology Corp 82P33741 Datasheet HTML 8Page - Renesas Technology Corp 82P33741 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 59 page
background image
2
©2017 Integrated Device Technology, Inc.
September 15, 2017
82P33741 Datasheet
DESCRIPTION
The 82P33741 Port Synchronizer for IEEE 1588 and 10G/40G Synchronous Ethernet provides tools to manage timing references, clock conver-
sion and timing paths for IEEE 1588 and Synchronous Ethernet (SyncE). The device supports up to three independent timing paths for: IEEE 1588
clock generation; SyncE clock generation; and general purpose frequency translation. The device outputs low-jitter clocks that can directly synchro-
nize 100GBASE-R, 40GBASE-R, 10GBASE-R and 10GBASE-W and lower-rate Ethernet interfaces; as well as CPRI/OBSAI, SONET/SDH and PDH
interfaces and IEEE 1588 Time Stamp Units (TSUs).
The 82P33741 accepts six differential reference inputs and six single ended reference inputs that can operate at common Ethernet, SONET/SDH
and PDH frequencies that range from 2 kHz to 650 MHz. The references are continually monitored for loss of signal and for frequency offset per user
programmed thresholds. All of the references are available to all three Digital PLLs (DPLLs). The active reference for each DPLL is determined by
forced selection or by automatic selection based on user programmed priorities, locking allowances, reference monitors, and LOS inputs.
The 82P33741 can accept a clock reference and an associated phase locked sync signal as a pair. DPLL1/DPLL2 can lock to the clock reference
and align the frame sync and multi-frame sync outputs with the paired sync input. The device allows any of the differential or single ended reference
inputs to be configured as sync inputs that can be associated with any of the other differential or single ended reference inputs. The input sync signals
can have a frequency of 1 PPS, 2 kHz, 4kHz or 8 kHz. This feature enables DPLL1/DPLL2 to phase align its frame sync and multi-frame sync outputs
with a sync input without the need use a low bandwidth setting to lock directly to the sync input.
The DPLLs support three primary operating modes: Free-Run, Locked and Holdover. In Free-Run mode the DPLLs synthesize clocks based on
the system clock alone. In Locked mode the DPLLs filter reference clock jitter with the selected bandwidth. In Locked mode, the long-term output fre-
quency accuracy is the same as the long term frequency accuracy of the selected input reference. In Holdover mode, the DPLL uses frequency data
acquired while in Locked mode to generate accurate frequencies when input references are not available.
The 82P33741 requires a system clock for its reference monitors and other digital circuitry. The frequency accuracy of the system clock deter-
mines the frequency accuracy of the DPLLs in Free-Run mode. The frequency stability of the system clock determines the frequency stability of the
DPLLs in Free-Run mode and in Holdover mode; and it affects the wander generation of the DPLLs in Locked mode.
DPLL1 and DPLL2 can be configured with a range of selectable filtering bandwidths from 18 Hz to 567 Hz. DPLL3 is a wideband (BW > 25Hz) fre-
quency translator that can be used, for example, to convert a recovered SyncE clock to a 25MHz backplane clock.
Clocks generated by DPLL1 and DPLL2 can be passed through APLL1 or APLL2 which are LC based jitter attenuating Analog PLLs (APLLs). The
output clocks generated by APLL1 and APLL2 are suitable for serial GbE and lower rate interfaces, and for IEEE 1588 time stamps clocks and 1 PPS
signals.
Clocks generated by DPLL1 and DPLL2 can be passed through APLL3 which is a voltage controlled crystal oscillator (VCXO) based jitter attenu-
ating APLL. APLL3 can be provisioned with one or two selectable crystal resonators to support up to two base frequencies. The output clocks gener-
ated by APLL3 are suitable for serial 10 GbE and lower rate interfaces.
All 82P33741 control and status registers are accessed through an I2C slave microprocessor interface. For configuring the DPLLs, APLL1 and
APLL2, the I2C master interface can automatically load a configuration from an external EEPROM after reset. APLL3 must be configured via the I2C
slave interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com