Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82P33741 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 82P33741
Description  Port Synchronizer for IEEE 1588 and 10G/ 40G/ 100G Synchronous Ethernet
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

82P33741 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 82P33741 Datasheet HTML 17Page - Renesas Technology Corp 82P33741 Datasheet HTML 18Page - Renesas Technology Corp 82P33741 Datasheet HTML 19Page - Renesas Technology Corp 82P33741 Datasheet HTML 20Page - Renesas Technology Corp 82P33741 Datasheet HTML 21Page - Renesas Technology Corp 82P33741 Datasheet HTML 22Page - Renesas Technology Corp 82P33741 Datasheet HTML 23Page - Renesas Technology Corp 82P33741 Datasheet HTML 24Page - Renesas Technology Corp 82P33741 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 59 page
background image
21
©2017 Integrated Device Technology, Inc.
September 15, 2017
82P33741 Datasheet
A qualified input clock with the highest priority is selected by revertive
switching. If more than one qualified input clock INn is available, then it
is important to set appropriate priorities to the input clocks, two input
clocks must not have the same priority.
In Non-Revertive switching, the DPLL1/2 selected input clock is not
switched when another qualified input clock with a higher priority than
the current selected input clock becomes available. In this case, the
selected input clock is switched and a qualified input clock with the high-
est priority is selected only when the DPLL1/2 selected input clock is dis-
qualified. If more than one qualified input clock INn is available, then it is
important to set appropriate priorities to the input clocks, two input
clocks must not have the same priority.
3.1.3.3.3 Selected / Qualified Input Clocks Indication
The selected input clock is indicated by the CURRENTLY_SELECT-
ED_INPUT[3:0] bits.
When the device is configured in Automatic selection and Revertive
switching is enabled, the input clock indicated by the CURRENTLY_SE-
LECTED_INPUT[3:0] bits is the same as the one indicated by the HIGH-
EST_PRIORITY_VALIDATED[3:0] bits.
3.1.3.3.4 Input Clock Loss of Signal
There are 4 LOS input pins (LOS[3:0]) that can be used to disqualify
the input clock. If they are set high, then the associated input clock is
disqualified to be used as an input clock, and therefore the DPLLs will
not lock to that particular input clock.
The 4 LOS pins can be associated with any input clock by setting bits
LOS_EN in INn_LOS_SYNC_CNFG (1<n<14) register. By default, the
LOS pins are not associated with any input.
3.1.4
DPLL LOCKING PROCESS
The following events are always monitored for the DPLLs locking
process:
• Fast Loss;
• Fine Phase Loss;
• Hard Limit Exceeding.
For proper operation, COARSE_PH_LOS_LIMT_EN must be set to
0.
3.1.4.1
Fast Loss
A fast loss is triggered when the selected input clock misses 3 con-
secutive clock cycles. It is cleared once an active clock edge is detected.
For all DPLL1 and DPLL2 the occurrence of the fast loss will result in
the DPLL to unlock if the FAST_LOS_SW bit is ‘1’. For DPLL3, the
occurrence of the fast loss will result in the DPLL to unlock regardless of
the FAST_LOS_SW bit.
3.1.4.2
Fine Phase Loss
The DPLL compares the selected input clock with the feedback sig-
nal. If the phase-compared result exceeds the fine phase limit pro-
grammed by the PH_LOS_FINE_LIMT[2:0] bits, a fine phase loss is
triggered. It is cleared once the phase-compared result is within the fine
phase limit.
For
greatest
jitter
and
wander
tolerance,
set
the
PH_LOS_FINE_LIMT[2:0] to the largest value.
The occurrence of the fine phase loss will result in DPLL to unlock if
the FINE_PH_LOS_LIMT_EN bit is ‘1’.
3.1.4.3
Hard Limit Exceeding
Two limits are available for this monitoring. They are DPLL soft limit
and DPLL hard limit. When the frequency of the DPLL output with
respect to the system clock exceeds the DPLL soft / hard limit, a DPLL
soft / hard alarm will be raised; the alarm is cleared once the frequency
is within the corresponding limit. The occurrence of the DPLL soft alarm
does not affect the DPLL locking status. The DPLL soft alarm is indi-
cated by the corresponding DPLL_SOFT_FREQ_ALARM bit. The
occurrence of the DPLL hard alarm will result in the DPLL to unlock if the
FREQ_LIMT_PH_LOS bit is ‘1’.
The DPLL soft limit is set by the DPLL_FREQ_SOFT_LIMT[6:0] bits
and can be calculated as follows:
DPLL Soft Limit (ppm) = DPLL_FREQ_SOFT_LIMT[6:0] X 0.724
The DPLL hard limit is set by the DPLL_FREQ_HARD_LIMT[15:0]
bits and can be calculated as follows:
DPLL Hard Limit (ppm) = DPLL_FREQ_HARD_LIMT[15:0] X 0.0014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com