Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82P33741 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 82P33741
Description  Port Synchronizer for IEEE 1588 and 10G/ 40G/ 100G Synchronous Ethernet
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

82P33741 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 82P33741 Datasheet HTML 9Page - Renesas Technology Corp 82P33741 Datasheet HTML 10Page - Renesas Technology Corp 82P33741 Datasheet HTML 11Page - Renesas Technology Corp 82P33741 Datasheet HTML 12Page - Renesas Technology Corp 82P33741 Datasheet HTML 13Page - Renesas Technology Corp 82P33741 Datasheet HTML 14Page - Renesas Technology Corp 82P33741 Datasheet HTML 15Page - Renesas Technology Corp 82P33741 Datasheet HTML 16Page - Renesas Technology Corp 82P33741 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 59 page
background image
13
©2017 Integrated Device Technology, Inc.
September 15, 2017
82P33741 Datasheet
Figure 4. DPLL Automatic Operating Mode
Notes to Figure 4:
1. Reset.
2. An input clock is selected.
3. The DPLL selected input clock is disqualified AND No qualified input clock is available.
4. The DPLL selected input clock is switched to another one.
5. The DPLL selected input clock is locked (the DPLL_LOCK bit is ‘1’).
6. The DPLL selected input clock is disqualified AND No qualified input clock is available.
7. The DPLL selected input clock is unlocked (the DPLL_LOCK bit is ‘0’).
8. The DPLL selected input clock is locked again (the DPLL_LOCK bit is ‘1’).
9. The DPLL selected input clock is switched to another one.
10. The DPLL selected input clock is locked (the DPLL_LOCK bit is ‘1’).
11. The DPLL selected input clock is disqualified AND No qualified input clock is available.
12. The DPLL selected input clock is switched to another one.
13. The DPLL selected input clock is disqualified AND No qualified input clock is available.
14. An input clock is selected.
15. The DPLL selected input clock is switched to another one.
The causes of Item 4, 9, 12, 15 - ‘the DPLL selected input clock is
switched to another one’ - are: (The DPLL selected input clock is dis-
qualified AND Another input clock is switched to) OR (In Revertive
switching, a qualified input clock with a higher priority is switched to) OR
(The DPLL selected input clock is switched to another one Forced selec-
tion).
Free-Run m ode
1
Pre-Locked
m ode
2
3
4
Locked
m ode
5
Lost-Phase
m ode
Holdover
m ode
7
8
Pre-Locked2
m ode
13
14
15
6
12
11
9
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com