Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST-ONEMPTR Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST-ONEMPTR
Description  Fully integrated controller for multiport smart chargers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST-ONEMPTR Datasheet(HTML) 5 Page - STMicroelectronics

  ST-ONEMPTR Datasheet HTML 1Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 2Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 3Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 4Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 5Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 6Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 7Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 8Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
3
Electrical ratings
Stresses above the absolute maximum ratings listed in Table 2. Absolute maximum ratings may cause permanent
damage to the device. These are stress ratings only and functional operation of the device at these conditions is
not implied. Exposure to maximum rating conditions for extended periods may affect device reliability.
Table 2. Absolute maximum ratings
Symbol
Pin
Parameter
Value
Unit
VHV
HV
Voltage range (referenced to PGND)
-1 to 800
V
VPVCC
PVCC
Primary side supply voltage
-0.3 to 18
V
VPV3V
P3V3
3.3 V supply range
-0.3 to 3.6
V
IOVP
OVP
Maximum clamp source/sink current on OVP
-200 to 200
μA
VHON, VLON, VEN_OUT
HON, LON, EN_OUT
Voltage range
-0.3 to 5.5
V
VAMRPri
Other primary side pins
Primary side analog Inputs & Outputs
-0.3 to 3.6
V
Secondary side voltages, referred to SSGND
VCC1, VCC2
CC1, CC2
USB connector IOs
-0.3 to 24
V
VVOSNS, VSVCC
VOSNS, SVCC
Output voltage sense & VCC
-0.3 to 24
V
VPUMP
PUMP
Charge pump pin, referred to SPGND
-0.3 to 15
V
VORGD
ORGD
Oring FET gate driver voltage range
-0.3 to 29
V
VCSP, VCSM
CSP,CSM
Current sense voltage range
-0.3 to 3.6
V
VSV3V
SV3V
3 V supply voltage range
-0.3 to 3.6
V
VV1V2
V1V2
1.2 V supply voltage range
-0.3 to 2
V
VVDRV
VDRV
Secondary side driver voltage
-0.3 to 24
V
VSRGD
SRGD
Sync FET gate driver voltage range
-0.3 to 18
V
VSRVDS
SRVDS
Drain sense voltage range
-2 to 28
V
VGPIO
GPIO0,GPIO1
GPIO voltage
-0.3 to 3.6
V
VSPGND
SPGND
Power ground vs. signal ground
-1 to 1
V
Table 3. Maximum operating conditions
Symbol
Pin
Parameter
Value
Unit
VHV
HV
Voltage range (referenced to PGND)
-1 to 450
V
VPVCC
PVCC
Primary side supply voltage
-0.3 to 16
V
CIO
HON, LON, EN_OUT
Capacitive load on primary side digital outputs
0 to 10
pF
VCSP, VCSM
CSP,CSM
Current sense voltage range
-0.3 to 1
V
VSVCC , VVOSNS, VVDRV SVCC, VOSNS, VDRV Secondary side voltage range
-0.3 to 22.5
V
ST-ONEMP
Electrical ratings
DS13989 - Rev 2
page 5/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com