Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST-ONEMPTR Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST-ONEMPTR
Description  Fully integrated controller for multiport smart chargers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST-ONEMPTR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST-ONEMPTR Datasheet HTML 4Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 5Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 6Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 7Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 8Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 9Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 10Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 11Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
6
Safety data
Table 6. Insulation safety data according to IEC 62368
Parameter
Value
Insulation type
Reinforced
Transient voltage
4 kV
Electric strength test (type test)
9.6 kV / 1 min
Electric strength test (routine test)
6.4k V / 1 sec
Clearance
8 mm
Creepage
8 mm
Table 7. Insulation safety data according to UL 1577
Parameter
Value
Isolation Voltage
3770 Vrms
Transmitter maximum current
11 mA
Receiver maximum current
91 mA
Transmitter maximum power
1100 mW
Receiver maximum current
130 mW
Maximum operating ambient temperature
85 °C
Maximum junction temperature
125 °C
Maximum storage temperature
150 °C
Maximum data rate
1 MHz
Table 8. X-Cap discharge safety data according to IEC 62368
Parameter
Value
Maximum line voltage
240 Vrms + 10%
Overvoltage category
II
External capacitor value
47 nF – 2.2 μF
Series resistor value
330 Ω – 4700 Ω
ST-ONEMP
Safety data
DS13989 - Rev 2
page 8/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com