Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST-ONEMPTR Datasheet(PDF) 31 Page - STMicroelectronics

Part # ST-ONEMPTR
Description  Fully integrated controller for multiport smart chargers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST-ONEMPTR Datasheet(HTML) 31 Page - STMicroelectronics

Back Button ST-ONEMPTR Datasheet HTML 27Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 28Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 29Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 30Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 31Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 32Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 33Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 34Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
10
Device setup and User personalization
It is possible to set up device parameters to configure ST-ONEMP behavior. A dedicated GUI and a HW tool
are available to change and tune the application behavior during development time. The ST-ONEMP devices are
shipped with a pre-defined set-up, but the user can change it using the serial line.
The entire device setup is always modifiable using a dedicated tool. In case the write protection is enabled on
the device, the user can only delete this memory area. The devices set-up area is divided into different zones,
application set-up area, application parameter area, USB-PD area and power area.
The data area is protected by CRC32 reverse polynomial (ISO 3309 - 0xedb88320).
Please check the ST-ONEMP Parameter Configuration Manual document which specifies any detail regarding the
User personalization.
The same tools can be used also to update the entire program file area with a new firmware version or a
dedicated firmware. The program file area is protected by CRC32 reverse polynomial.
10.1
Application set-up area
This area stores all the values used to configure the application. This area is read by the Boot code during
startup.
10.2
Application parameters area
The Application parameters area contains the secondary overtemperature protection levels (SOTP). The SOTP
levels are divided into two zones, internal on ST-ONEMP and external.
•
The internal temperature is provided by an internal sensor: the user defines the internal temperature trigger
point.
•
The external temperature requires a thermistor connected to a GPIO pin that is specified in the Application
set-up field. The user provides the voltage levels at which SOTP is triggered, and the direction (rising
or falling) depending on the external circuit used. External sense circuit is optional, if not connected this
function is not available.
The programmability of the ST-ONEMP device also provides a warning temperature limit.
10.3
USB-PD area
The USB-PD area defines which PDOs and APDOs are provided by the USB-PD protocol.
This area contains also the maximum power provided by the ST-ONEMP application. The maximum power value
is shared with the SINK during USB-PD messages.
10.4
Power area
The power parameters area stores the parameters required for the switching control, including loop compensation
parameters, low power mode settings, etc.
10.5
Default configuration
The default configuration allows the user to set up and define all the parameters .
The default configuration selects the CC1 and CC2 pins as the serial line used to communicate, configure and
program the IC through a serial interface. Please visit the product page on www.st.com to find the dedicated HW
programmer and software.
ST-ONEMP
Device setup and User personalization
DS13989 - Rev 2
page 31/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com