Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST-ONEMPTR Datasheet(PDF) 23 Page - STMicroelectronics

Part # ST-ONEMPTR
Description  Fully integrated controller for multiport smart chargers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST-ONEMPTR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ST-ONEMPTR Datasheet HTML 19Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 20Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 21Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 22Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 23Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 24Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 25Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 26Page - STMicroelectronics ST-ONEMPTR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
ft≈ 12π nVin
nVout+VinRsenseSecGTV
Rsense 1FckVCSFSR 1TsampPIDCC_Igain
(16)
The gain can be set as:
PIDCC_Igain=ft2πRsenseFckVCSFSRTsamp
RsenseSecGTV nVoutVin+1n
(17)
It is advisable to keep the cutoff frequency at least below 1/5 of the loop sampling frequency, i.e. below 8 kHz. If
no need for fast transient response is required, a lower bandwidth helps in limiting the control noise.
8.6.5
Cable drop compensation
The cable drop compensation allows to increase the output voltage of the converter proportionally to the current
sensed through the CSP/CSM pins.
The cable drop compensation is disabled when the output voltage set by the USB-PD port is above a
programmable threshold.
The cable resistance to be compensated can be programmed in the configuration parameters.
8.7
Fault management
The IC includes many protections to avoid damage to the converter or to the load in abnormal or failure
conditions.
8.7.1
Fault modes
The faults can be either managed as auto-restart, latched, or conditioned restart.The behavior of each fault is
described in Fault summary.
8.7.1.1
Auto-restart mode
In auto-restart mode, once the protection is tripped, the switching activity is stopped, and the condition is
maintained until VPVCC goes below the V PVCCOff restart voltage and then rises again to V PVCCOn for six times.
Ultimately, this results in a low frequency intermittent operation (Hiccup-mode operation).
8.7.1.2
Latched mode
In latched mode the protection is maintained until the input main is removed. During this time the HV generator
is activated periodically to cycle the supply voltage between V PVCCOn and V PVCCOff. The condition is indefinitely
maintained until the AC mains is removed triggering a brown-out or an X-Cap discharge fault which clears all fault
conditions.
8.7.1.3
Conditioned restart mode
Faults like the overtemperature or the brown-out, require the fault condition to disappear before the system can
restart. When the fault condition is no longer present the system restarts after VPVCC goes below V PVCCOff restart
voltage and then rises again to V PVCCOn.
8.7.2
Soft-start timeout
As a protection from secondary side failures, the IC stops switching if no signal is received from the secondary
side before the SS pin voltage reaches VSSEND.
This fault is managed as auto-restart.
8.7.3
Soft-start overvoltage protection
The primary side IC includes a detection circuit to avoid generating overvoltage on the output when the secondary
side is not active. The OV function operates only during primary side soft-start: as the secondary side takes
control, the protection is managed by the secondary side.
The overvoltage function of the ST-ONEMP device monitors the voltage on the OVP pin during HS MOSFET's
on-time, when the voltage generated by the auxiliary winding tracks converter's output voltage.
ST-ONEMP
Fault management
DS13989 - Rev 2
page 23/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com